Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-L2980A48MC-TF-G Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-L2980A48MC-TF-G
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-L2980A48MC-TF-G Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-L2980A48MC-TF-G Datasheet HTML 5Page - Seiko Instruments Inc S-L2980A48MC-TF-G Datasheet HTML 6Page - Seiko Instruments Inc S-L2980A48MC-TF-G Datasheet HTML 7Page - Seiko Instruments Inc S-L2980A48MC-TF-G Datasheet HTML 8Page - Seiko Instruments Inc S-L2980A48MC-TF-G Datasheet HTML 9Page - Seiko Instruments Inc S-L2980A48MC-TF-G Datasheet HTML 10Page - Seiko Instruments Inc S-L2980A48MC-TF-G Datasheet HTML 11Page - Seiko Instruments Inc S-L2980A48MC-TF-G Datasheet HTML 12Page - Seiko Instruments Inc S-L2980A48MC-TF-G Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_00
S-L2980 Series
Seiko Instruments Inc.
9
Technical Terms
1. Low Dropout Voltage Regulator
The low dropout voltage regulator is a voltage regulator whose dropout voltage is low due to its built-in
low on-resistance transistor.
2. Low ESR
Low ESR means the Equivalent Series Resistance of a capacitor is small. The low ESR ceramics
output capacitor (CL) can be used in the S-L2980 Series. A capacitor whose ESR is 10Ω or less
can be used.
3. Output Voltage (VOUT)
The accuracy of the output voltage is ensured at
± 2.0 % under the specified conditions of fixed input
voltage
*1, fixed output current, and fixed temperature.
*1. Differs depending upon the product.
Caution If the above conditions change, the output voltage value may vary and exceed the
accuracy range of the output voltage. Refer to the “
Electrical Characteristics” and
Typical Characteristics” for details.
OUT
IN
OUT1
V
ΔV
ΔV
Regulation
Line
4.
Indicates the dependency of the output voltage on the input voltage. That is, the value shows how
much the output voltage changes due to a change in the input voltage with the output current remaining
unchanged.
5. Load Regulation (
ΔV
OUT2)
Indicates the dependency of the output voltage on the output current. That is, the value shows how
much the output voltage changes due to a change in the output current with the input voltage remaining
unchanged.
6. Dropout Voltage (Vdrop)
Indicates the difference between the input voltage (VIN1) and output voltage when the output voltage
falls to 98 % of the output voltage (VOUT(E)) by gradually decreasing the input voltage.
Vdrop=VIN1–(VOUT(E)×0.98)


Similar Part No. - S-L2980A48MC-TF-G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-L2980A48MC-TF-X ABLIC-S-L2980A48MC-TF-X Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
More results

Similar Description - S-L2980A48MC-TF-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com