Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1206B45-I6T2G Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-1206B45-I6T2G
Description  ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1206B45-I6T2G Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-1206B45-I6T2G Datasheet HTML 5Page - Seiko Instruments Inc S-1206B45-I6T2G Datasheet HTML 6Page - Seiko Instruments Inc S-1206B45-I6T2G Datasheet HTML 7Page - Seiko Instruments Inc S-1206B45-I6T2G Datasheet HTML 8Page - Seiko Instruments Inc S-1206B45-I6T2G Datasheet HTML 9Page - Seiko Instruments Inc S-1206B45-I6T2G Datasheet HTML 10Page - Seiko Instruments Inc S-1206B45-I6T2G Datasheet HTML 11Page - Seiko Instruments Inc S-1206B45-I6T2G Datasheet HTML 12Page - Seiko Instruments Inc S-1206B45-I6T2G Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.1_00
S-1206 Series
Seiko Instruments Inc.
9
Standard Circuit
CIN
*1
CL
*2
Input
Output
GND
Single GND
VOUT
VIN
VSS
*1.
A capacitor for stabilizing the input.
*2.
A ceramic capacitor of 0.1
µF or more can be used.
Figure 9
Caution
The above connection diagram and constant will not guarantee successful operation.
Perform
thorough evaluation using the actual application to set the constant.
Application Conditions
Input capacitor (CIN) : 0.1
µF or more
Output capacitor (CL) : 0.1
µF or more (ceramic capacitor)
Caution A general series regulator may oscillate, depending on the external components selected. Check that
no oscillation occurs in the actual device using the above capacitor.
Selection of Input Capacitor (CIN) and Output Capacitor (CL)
The S-1206 Series requires an output capacitor between the VOUT pin and VSS pin for phase compensation.
Operation is stabilized by a ceramic capacitor with an output capacitance of 0.1
µF or more in the entire temperature
range. However, when using an OS capacitor, tantalum capacitor, or aluminum electrolytic capacitor with a capacitance
of 0.1
µF or more less is required.
The value of the output overshoot or undershoot transient response varies depending on the value of the output
capacitor.
The required capacitance of the input capacitor differs depending on the application.
The recommended value for an application is 0.1
µF or more for CIN and 0.1 µF or more for CL; however, when selecting
these capacitors, perform sufficient evaluation, including evaluation of temperature characteristics, on the actual device.


Similar Part No. - S-1206B45-I6T2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1206B45-I6T2U ABLIC-S-1206B45-I6T2U Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
More results

Similar Description - S-1206B45-I6T2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 SII-S-1167 Datasheet
474Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
ACE Technology Co., LTD...
ACE5016A ACE-ACE5016A Datasheet
773Kb / 11P
   Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com