Electronic Components Datasheet Search |
|
S-1206B38-I6T2G Datasheet(PDF) 7 Page - Seiko Instruments Inc |
|
S-1206B38-I6T2G Datasheet(HTML) 7 Page - Seiko Instruments Inc |
7 / 36 page ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR Rev.1.1_00 S-1206 Series Seiko Instruments Inc. 7 Electrical Characteristics Table 6 (Ta = 25 °C unless otherwise specified) Item Symbol Condition Min. Typ. Max. Unit Measurement Circuit VIN = VOUT(S) + 1.0 V, IOUT = 30 mA, 1.2 V ≤ VOUT(S) < 1.5 V VOUT(S) −15 mV VOUT(S) VOUT(S) +15 mV V 1 Output voltage *1 VOUT(E) VIN = VOUT(S) + 1.0 V, IOUT = 30 mA, 1.5 V ≤ VOUT(S) VOUT(S) × 0.99 VOUT(S) VOUT(S) × 1.01 V 1 VIN ≥ VOUT(S) + 1.0 V, 1.2 V ≤ VOUT(S) < 1.5 V 150 *5 − − mA 3 Output current *2 IOUT VIN ≥ VOUT(S) + 1.0 V, 1.5 V ≤ VOUT(S) 250 *5 − − mA 3 1.2 V ≤ VOUT(S) < 1.3 V 0.5 0.54 0.81 V 1 1.3 V ≤ VOUT(S) < 1.4 V − 0.50 0.73 V 1 1.4 V ≤ VOUT(S) < 1.5 V − 0.43 0.66 V 1 1.5 V ≤ VOUT(S) < 1.7 V − 0.35 0.53 V 1 1.7 V ≤ VOUT(S) < 1.9 V − 0.33 0.50 V 1 1.9 V ≤ VOUT(S) < 2.1 V − 0.26 0.43 V 1 2.1 V ≤ VOUT(S) < 3.0 V − 0.23 0.36 V 1 Dropout voltage *3 Vdrop IOUT = 100 mA 3.0 V ≤ VOUT(S) ≤ 5.2 V − 0.15 0.23 V 1 IOUT = 1 µA − 0.05 0.2 %/V 1 Line regulation OUT IN 1 OUT V V V • ∆ ∆ VOUT(S) + 0.5 V ≤ VIN ≤ 6.5 V IOUT = 30 mA − 0.05 0.2 %/V 1 Load regulation ∆VOUT2 VIN = VOUT(S) + 1.0 V, 1 µA ≤ IOUT ≤ 100 mA − 20 40 mV 1 Output voltage temperature coefficient *4 OUT OUT V Ta V • ∆ ∆ VIN = VOUT(S) + 1.0 V, IOUT = 30 mA, −40 ≤ Ta ≤ 85°C − ±120 − ppm/ °C 1 Current consumption during operation ISS1 VIN = VOUT(S) + 1.0 V, no load − 1.0 1.5 µA 2 Input voltage VIN − 1.7 − 6.5 V − 1.2 V ≤ VOUT < 2.3 V − 130 − mA 3 Short-circuit current ISHORT VIN = VOUT(S) + 1.0 V, VOUT = 0 V 2.3 V ≤ VOUT ≤ 5.2 V − 100 − mA 3 *1. VOUT(S) : Specified output voltage VOUT(E) : Actual output voltage at the fixed load Output voltage when fixing IOUT (= 30 mA) and inputting VOUT(S) + 1.0 V *2. Output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current. *3. Vdrop = VIN1 − (VOUT3 × 0.98) VOUT3 : Output voltage when VIN = VOUT(S) + 1.0 V and IOUT = 100 mA VIN1 : Input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input voltage *4. The change in temperature [mV / °C] is calculated using the following equation. [] [ ] [] 1000 C ppm/ V Ta V V V C mV/ Ta V OUT OUT OUT(S) OUT ÷ ° • ∆ ∆ × = ° ∆ ∆ 3 * 2 * *1 *1. Temperature change ratio of the output voltage *2. Specified output voltage *3. Output voltage temperature coefficient *5. The output current can be supplied at least to this value. Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the power dissipation of the package when the output current is large. This specification is guaranteed by design. |
Similar Part No. - S-1206B38-I6T2G |
|
Similar Description - S-1206B38-I6T2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |