Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-812C24BMC-C4ET2G Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # S-812C24BMC-C4ET2G
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-812C24BMC-C4ET2G Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button S-812C24BMC-C4ET2G Datasheet HTML 11Page - Seiko Instruments Inc S-812C24BMC-C4ET2G Datasheet HTML 12Page - Seiko Instruments Inc S-812C24BMC-C4ET2G Datasheet HTML 13Page - Seiko Instruments Inc S-812C24BMC-C4ET2G Datasheet HTML 14Page - Seiko Instruments Inc S-812C24BMC-C4ET2G Datasheet HTML 15Page - Seiko Instruments Inc S-812C24BMC-C4ET2G Datasheet HTML 16Page - Seiko Instruments Inc S-812C24BMC-C4ET2G Datasheet HTML 17Page - Seiko Instruments Inc S-812C24BMC-C4ET2G Datasheet HTML 18Page - Seiko Instruments Inc S-812C24BMC-C4ET2G Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Rev.4.0_00
S-812C Series
Seiko Instruments Inc.
15
6. Temperature coefficient of output voltage
OUT
OUT
V
∆Ta
∆V
The shadowed area in
Figure 15 is the range where VOUT varies in the operating temperature range when
the temperature coefficient of the output voltage is
±100 ppm/°C.
The ratio of temperature change in output voltage [mV/
°C] is calculated from the following equation.
[]
[]
[] 1000
C
ppm/
V
Ta
V
V
V
C
mV/
Ta
V
OUT
OUT
OUT
(S)
OUT
÷
°
×
=
°
3
*
2
*
1
*
*1. The ratio of temperature change in output voltage
*2. Specified output voltage
*3. Output voltage temperature coefficient
-40
25
+0.30mV/
°C
VOUT[V}
VOUT(E)
*1
85
Ta [
°C]
-0.30mV/
°C
*1. VOUT(E) is a measured value of output voltage at 25
°C.
Figure 15 Ex. S-812C30A Typ.


Similar Part No. - S-812C24BMC-C4ET2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-812C24BMC-C4ET2X ABLIC-S-812C24BMC-C4ET2X Datasheet
803Kb / 56P
   16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
More results

Similar Description - S-812C24BMC-C4ET2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C30BMC-C4KT2G SII-S-812C30BMC-C4KT2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_16 Datasheet
254Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_V01 Datasheet
301Kb / 4P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812C50AMC-C3ET2G SII-S-812C50AMC-C3ET2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S812C SII-S812C Datasheet
332Kb / 26P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com