Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1000C36-I4T1G Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S-1000C36-I4T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1000C36-I4T1G Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S-1000C36-I4T1G Datasheet HTML 12Page - Seiko Instruments Inc S-1000C36-I4T1G Datasheet HTML 13Page - Seiko Instruments Inc S-1000C36-I4T1G Datasheet HTML 14Page - Seiko Instruments Inc S-1000C36-I4T1G Datasheet HTML 15Page - Seiko Instruments Inc S-1000C36-I4T1G Datasheet HTML 16Page - Seiko Instruments Inc S-1000C36-I4T1G Datasheet HTML 17Page - Seiko Instruments Inc S-1000C36-I4T1G Datasheet HTML 18Page - Seiko Instruments Inc S-1000C36-I4T1G Datasheet HTML 19Page - Seiko Instruments Inc S-1000C36-I4T1G Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 Series
Rev.2.3_00
16
Seiko Instruments Inc.
Detection voltage range
Detection voltage
VDD
(
−VDET) Min.
(
−VDET) Max.
OUT
Release voltage
Release voltage range
VDD
(
+VDET) Min.
(
+VDET) Max.
OUT
Figure 18 Detection voltage (CMOS output products)
Figure 19 Release voltage (CMOS output products)
2. Hysteresis width (VHYS)
The hysteresis width is the voltage difference between the detection voltage and the release voltage (The voltage at point
B
− The voltage at point A = VHYS in Figure 15). The existence of the hysteresis width prevents malfunction caused by
noise on input signal.
3. Through-type current
The through-type current refers to the current that flows instantaneously at the time of detection and release of a voltage
detector. The through-type current is large in CMOS output products, small in Nch open-drain output products.
4. Oscillation
In applications where a resistor is connected to the voltage detector input (Figure 20), taking a CMOS active “L” product
for example, the through-type current which is generated when the output goes from “L” to “H” (release) causes a voltage
drop equal to [through-type current]
× [input resistance] across the resistor. When the input voltage drops below the
detection voltage (
−VDET) as a result, the output voltage goes to low level. In this state, the through-type current stops
and its resultant voltage drop disappears, and the output goes from “L” to “H”. The through-type current is then
generated again, a voltage drop appears, and repeating the process finally induces oscillation.
OUT
VSS
VDD
RB
RA
VIN
S-1000C
Figure 20 An example for bad implementation of input voltage divider


Similar Part No. - S-1000C36-I4T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000C36-I4T1U ABLIC-S-1000C36-I4T1U Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
More results

Similar Description - S-1000C36-I4T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com