Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1000C30-I4T1G Datasheet(PDF) 19 Page - Seiko Instruments Inc

Part # S-1000C30-I4T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1000C30-I4T1G Datasheet(HTML) 19 Page - Seiko Instruments Inc

Back Button S-1000C30-I4T1G Datasheet HTML 15Page - Seiko Instruments Inc S-1000C30-I4T1G Datasheet HTML 16Page - Seiko Instruments Inc S-1000C30-I4T1G Datasheet HTML 17Page - Seiko Instruments Inc S-1000C30-I4T1G Datasheet HTML 18Page - Seiko Instruments Inc S-1000C30-I4T1G Datasheet HTML 19Page - Seiko Instruments Inc S-1000C30-I4T1G Datasheet HTML 20Page - Seiko Instruments Inc S-1000C30-I4T1G Datasheet HTML 21Page - Seiko Instruments Inc S-1000C30-I4T1G Datasheet HTML 22Page - Seiko Instruments Inc S-1000C30-I4T1G Datasheet HTML 23Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.2.3_00
S-1000 Series
Seiko Instruments Inc.
19
5. Nch transistor output current (IOUT)
− VDS
6. Pch transistor output current (IOUT)
− VDS
1.0
2.0
3.0
4.0
20.0
15.0
10.0
5.0
0
0
VDS [V]
Ta = 25
°C
S-1000C46 / S-1000N46
VDD = 3.6 V
VDD = 2.4 V
VDD = 1.2 V
VDD = 1.0 V
20.0
15.0
10.0
5.0
0
0
VDS [V]
Ta = 25
°C
S-1000C15
1.0
2.0
3.0
4.0
VDD = 4.6 V
VDD = 3.6 V
VDD = 2.4 V
VDD = 1.9 V
7. Nch transistor output current (IOUT)
8. Pch transistor output current (IOUT)
8.0
6.0
4.0
2.0
S-1000C46 / S-1000N46
1.0
2.0
3.0
4.0
5.0
VDD [V]
VDS = 0.5 V
0
0
Ta = -40
°C
Ta = 25
°C
Ta = 85
°C
4.0
3.0
2.0
1.0
0
0
VDD [V]
VDS = 0.5 V
S-1000C15
2.0
4.0
6.0
8.0
Ta = -40
°C
Ta = 25
°C
Ta = 85
°C
9. Minimum operating voltage - input voltage (VDD)
0.8
0.6
0.4
0.2
0
0
S-1000N15
0.2
0.4
0.6
0.8
1.0
VDD [V]
Pull-up to VDD
Pull-up resistance : 100 k
Ta = -40
°C
Ta = 25
°C
Ta = 85
°C
2.0
2.5
3.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
VDD [V]
Pull-up to 3.0 V
Pull-up resistance : 100 k
S-1000N15
Ta = -40
°C
Ta = 25
°C
Ta = 85
°C
0.8
0.6
0.4
0.2
0
0
0.2
0.4
0.6
0.8
1.0
VDD [V]
S-1000N46
Pull-up to VDD
Pull-up resistance : 100 k
Ta = -40
°C
Ta = 25
°C
Ta = 85
°C
6.0
5.0
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
5.0
VDD [V]
S-1000N46
Pull-up to 5.5 V
Pull-up resistance : 100 k
Ta = -40
°C
Ta = 25
°C
Ta = 85
°C


Similar Part No. - S-1000C30-I4T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000C30-I4T1U ABLIC-S-1000C30-I4T1U Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
More results

Similar Description - S-1000C30-I4T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com