Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-812C48BPI-C5CTFG Datasheet(PDF) 45 Page - Seiko Instruments Inc

Part # S-812C48BPI-C5CTFG
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-812C48BPI-C5CTFG Datasheet(HTML) 45 Page - Seiko Instruments Inc

Back Button S-812C48BPI-C5CTFG Datasheet HTML 41Page - Seiko Instruments Inc S-812C48BPI-C5CTFG Datasheet HTML 42Page - Seiko Instruments Inc S-812C48BPI-C5CTFG Datasheet HTML 43Page - Seiko Instruments Inc S-812C48BPI-C5CTFG Datasheet HTML 44Page - Seiko Instruments Inc S-812C48BPI-C5CTFG Datasheet HTML 45Page - Seiko Instruments Inc S-812C48BPI-C5CTFG Datasheet HTML 46Page - Seiko Instruments Inc S-812C48BPI-C5CTFG Datasheet HTML 47Page - Seiko Instruments Inc S-812C48BPI-C5CTFG Datasheet HTML 48Page - Seiko Instruments Inc S-812C48BPI-C5CTFG Datasheet HTML 49Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
No.
TITLE
SCALE
UNIT
mm
Seiko Instruments Inc.
5.2max.
4.2max.
0.6max.
0.45±0.1
0.45±0.1
1.27
No. YS003-B-P-SD-1.1
YS003-B-P-SD-1.1
TO92-B-PKG Dimensions
Marked side


Similar Part No. - S-812C48BPI-C5CTFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-812C48BPI-C5CTFU ABLIC-S-812C48BPI-C5CTFU Datasheet
803Kb / 56P
   16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
More results

Similar Description - S-812C48BPI-C5CTFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C30BMC-C4KT2G SII-S-812C30BMC-C4KT2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_16 Datasheet
254Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_V01 Datasheet
301Kb / 4P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812C50AMC-C3ET2G SII-S-812C50AMC-C3ET2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S812C SII-S812C Datasheet
332Kb / 26P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com