Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-89430A Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-89430A
Description  MINI ANALOG SERIES 0.5 關A Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89430A Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-89430A Datasheet HTML 1Page - Seiko Instruments Inc S-89430A Datasheet HTML 2Page - Seiko Instruments Inc S-89430A Datasheet HTML 3Page - Seiko Instruments Inc S-89430A Datasheet HTML 4Page - Seiko Instruments Inc S-89430A Datasheet HTML 5Page - Seiko Instruments Inc S-89430A Datasheet HTML 6Page - Seiko Instruments Inc S-89430A Datasheet HTML 7Page - Seiko Instruments Inc S-89430A Datasheet HTML 8Page - Seiko Instruments Inc S-89430A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MINI ANALOG SERIES
0.5
μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89430A/89431A
Rev.5.1_00
Seiko Instruments Inc.
4
Absolute Maximum Ratings
Table 3
(Ta
= 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Power supply voltage
VDD
VSS − 0.3 to VSS + 7.0
V
Input voltage
VIN
VSS − 0.3 to VSS + 7.0 (7.0 max.)
V
Output voltage
VOUT
VSS − 0.3 to VDD + 0.3 (7.0 max.)
V
Differential input voltage
VIND
±5.5
V
ISOURCE
Output pin current
ISINK
7.0
mA
200 (When not mounted on board)
mW
SC-88A
350
*1
mW
250 (When not mounted on board)
mW
Power
dissipation
SOT-23-5
PD
600
*1
mW
Operating temperature range
Topr
−40 to +85
°C
Storage temperature range
Tstg
−55 to +125
°C
*
1. When mounted on board
[Mounted board]
(1)
Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2)
Board name :
JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product
could suffer physical damage. These values must therefore not be exceeded under
any conditions.
0
50
100
150
700
400
0
Ambient Temperature (Ta) [
°C]
200
600
500
300
100
SC-88A
SOT-23-5
Figure 6
Power Dissipation of Package (When Mounted on Board)
Recommended Operating Voltage Range
Table 4
Parameter
Symbol
Range
Unit
Operating power supply voltage range
VDD
0.9 to 5.5
V


Similar Part No. - S-89430A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89430ACMC-HBUT2x SII-S-89430ACMC-HBUT2x Datasheet
1Mb / 33P
   MINI ANALOG SERIES
S-89430ACMC-HBUT2x SII-S-89430ACMC-HBUT2x Datasheet
1Mb / 33P
   MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89430ACNC-HBUTFZ SII-S-89430ACNC-HBUTFZ Datasheet
1Mb / 33P
   MINI ANALOG SERIES
S-89430ACNC-HBUTFz SII-S-89430ACNC-HBUTFz Datasheet
1Mb / 33P
   MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - S-89430A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S89430 SII-S89430 Datasheet
1Mb / 33P
   MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89530A SII-S-89530A Datasheet
270Kb / 16P
   MINI ANALOG SERIES 0.7 關A Rail-to-Rail CMOS COMPARATOR
logo
Texas Instruments
OPA2348-Q1 TI1-OPA2348-Q1 Datasheet
685Kb / 18P
[Old version datasheet]   1-MHz 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA2348-HIREL TI1-OPA2348-HIREL Datasheet
219Kb / 14P
[Old version datasheet]   1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA2348-HIREL TI-OPA2348-HIREL_15 Datasheet
183Kb / 15P
[Old version datasheet]   1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
   RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2348-DIE TI-OPA2348-DIE Datasheet
74Kb / 5P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com