Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8232NSFT-T2-G Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-8232NSFT-T2-G
Description  BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8232NSFT-T2-G Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-8232NSFT-T2-G Datasheet HTML 3Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 4Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 5Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 6Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 7Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 8Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 9Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 10Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.5.4_00
S-8232 Series
Seiko Instruments Inc.
7
Electrical Characteristics
Table 5
(Ta
= 25 °C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Condition
Test
Circuit
[DETECTION VOLTAGE]
Overcharge detection voltage 1, 2
VCU1,2 3.85 to 4.60 V,
Adjustable
VCU1,2
− 0.025
VCU1,2
VCU1,2
+ 0.025
V
1, 2
1
VCUaux1,2 VCU1,2
× 1.25
VCU1,2
× 1.21
VCU1,2
× 1.25
VCU1,2
× 1.29
V
1, 2
1
Auxiliary overcharge detection voltage 1, 2
*1
VCUaux1, VCUaux2
= VCU1, VCU2 × 1.25 or
VCUaux1, VCUaux2
= VCU1, VCU2 × 1.11
VCUaux1,2 VCU1,2
× 1.11
VCU1,2
× 1.07
VCU1,2
× 1.11
VCU1,2
× 1.15
V
1, 2
1
Overcharge release voltage 1, 2
VCD1,2 3.60 to 4.60 V,
Adjustable
VCD1,2
− 0.050
VCD1,2
VCD1,2
+ 0.050
V
1, 2
1
Overdischarge detection voltage 1, 2
VDD1,2 1.70 to 2.60 V,
Adjustable
VDD1,2
− 0.080
VDD1,2
VDD1,2
+ 0.080
V
1, 2
1
Overdischarge release voltage 1, 2
VDU1,2 1.70 to 3.80 V,
Adjustable
VDU1,2
− 0.100
VDU1,2
VDU1,2
+ 0.100
V
1, 2
1
Overcurrent detection voltage 1
VIOV1 0.07 to 0.30 V,
Adjustable
VIOV1
− 0.020
VIOV1
VIOV1
+ 0.020
V
3
1
Overcurrent detection voltage 2
VIOV2 Load short circuit,
VCC reference
− 1.57 − 1.20 − 0.83
V
3
1
Temperature coefficient 1 for detection voltage *2
TCOE1 Ta
= − 40 to + 85 °C − 0.6
0
0.6
mV/°C
Temperature coefficient 2 for detection voltage *3
TCOE2 Ta
= − 40 to + 85 °C − 0.24 − 0.05
0
mV/°C
[DELAY TIME (C3
= 0.22 µF) ]
Overcharge detection delay time 1, 2
tCU1,2 1.0 s
0.73
1.00
1.35
s
8, 9
5
Overdischarge detection delay time 1, 2
tDD1,2 0.1 s
68
100
138
ms
8, 9
5
Overcurrent detection delay time 1
tIOV1 0.01 s
6.7
10
13.9
ms
10
5
[INPUT VOLTAGE]
Input voltage between VCC and VSS
VDS
Absolute maximum
rating
− 0.3
18
V
[OPERATING VOLTAGE]
Operating voltage between VCC and VSS *4
VDSOP Output logic fixed
2.0
16
V
[CURRENT CONSUMPTION]
Current consumption during normal operation
IOPE V1
= V2 = 3.6 V
2.1
7.5
12.7
µA
4
2
Current consumption at power down
IPDN V1
= V2 = 1.5 V
0
0.0002
0.04
µA
4
2
[OUTPUT VOLTAGE]
DO voltage “H”
VDO(H) IOUT
= 10 µA
VCC
− 0.05
VCC
− 0.003
VCC
V
6
3
DO voltage “L”
VDO(L) IOUT
= 10 µA
VSS
VSS
+ 0.003
VSS
+ 0.05
V
6
3
CO voltage “H”
VCO(H) IOUT
= 10 µA
VCC
− 0.15
VCC
− 0.019
VCC
V
7
4
[CO PIN INTERNAL RESISTANCE]
Resistance between VSS and CO
RCOL VCO
− VSS = 9.4 V
0.29
0.6
1.44
M
7
4
[INTERNAL RESISTANCE]
Resistance between VCC and VM
RVCM VCC
− VVM = 0.5 V
105
240
575
k
5
2
Resistance between VSS and VM
RVSM VVM
− VSS= 1.1 V
511
597
977
k
5
2
[0 V BATTERY CHARGE FUNCTION]
0 V battery charge starting charger voltage
V0CHA 0 V battery charging
function “available”
0.38
0.75
1.12
V
11
6
0 V battery charge inhibition battery voltage 1, 2
V0INH1,2
0 V battery charging
function
“unavailable”
0.32
0.88
1.44
V
12, 13
6
*1.
Auxiliary overcharge detection voltage is equal to the overcharge detection voltage times 1.11 for the
products without overcharge hysteresis, and times 1.25 for other products.
*2.
Temperature coefficient 1 for detection voltage should be applied to overcharge detection voltage,
overcharge release voltage, overdischarge detection voltage, and overdischarge release voltage.
*3.
Temperature coefficient 2 for detection voltage should be applied to overcurrent detection voltage.
*4.
The DO and CO pin logic are established at the operating voltage.


Similar Part No. - S-8232NSFT-T2-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-823 ETC-S-823 Datasheet
7Mb / 18P
   toggle switch
logo
ABLIC Inc.
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
Seiko Instruments Inc
S-8230AAD-I6T1U SII-S-8230AAD-I6T1U Datasheet
2Mb / 37P
   BATTERY PROTECTION IC
logo
ABLIC Inc.
S-8230AAD-I6T1U ABLIC-S-8230AAD-I6T1U Datasheet
593Kb / 37P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
Seiko Instruments Inc
S-8230AAE-I6T1U SII-S-8230AAE-I6T1U Datasheet
2Mb / 37P
   BATTERY PROTECTION IC
More results

Similar Description - S-8232NSFT-T2-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8242B SII-S-8242B Datasheet
395Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8252 SII-S8252 Datasheet
554Kb / 35P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8262A SII-S8262A Datasheet
436Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8252 ABLIC-S-8252 Datasheet
614Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
S-8262A ABLIC-S-8262A Datasheet
566Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.1.0_03
S-82B2A ABLIC-S-82B2A Datasheet
825Kb / 54P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
S-82A2A ABLIC-S-82A2A Datasheet
838Kb / 55P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
logo
Seiko Instruments Inc
S8213 SII-S8213 Datasheet
524Kb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
logo
Seiko Instruments Inc
S8223A SII-S8223A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com