Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1133B52-I8T1G Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-1133B52-I8T1G
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1133B52-I8T1G Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-1133B52-I8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1133B52-I8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1133B52-I8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1133B52-I8T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1133B52-I8T1G Datasheet HTML 10Page - Seiko Instruments Inc S-1133B52-I8T1G Datasheet HTML 11Page - Seiko Instruments Inc S-1133B52-I8T1G Datasheet HTML 12Page - Seiko Instruments Inc S-1133B52-I8T1G Datasheet HTML 13Page - Seiko Instruments Inc S-1133B52-I8T1G Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 Series
Rev.2.1_00
10
Seiko Instruments Inc.
2. Types in which output voltage is externally set (S-1133B00 and S-1133A00 only)
Table 6
(Ta
= 25 °C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage of adjust
pin
*1
VVADJ
VVADJ
= VOUT, VIN = VOUT(S) + 1.0 V,
IOUT
= 100 mA
1.782
1.800
1.818
V
6
Output voltage range
VROUT
1.8
8.2
V
11
Internal resistance value
of adjust pin
RVADJ
200
k
Output current
*2
IOUT
VIN
≥ VOUT(S) + 1.0 V
300
*5
mA
8
Dropout voltage
*3
Vdrop
IOUT
= 100 mA, VVADJ = VOUT, VOUT(S) = 1.8 V
0.24
0.28
V
6
Line regulation
OUT
IN
OUT1
V
V
V
VVADJ
= VOUT, VOUT(S) + 0.5 V ≤ VIN ≤ 10 V,
IOUT
= 100 mA
0.02
0.2
%/V
6
Load regulation
∆VOUT2
VVADJ
= VOUT, VIN = VOUT(S) + 1.0 V,
1.0 mA
≤ IOUT ≤ 100 mA
15
40
mV
6
Output voltage
temperature coefficient
*4
OUT
OUT
V
Ta
V
VIN
= VOUT(S) + 1.0 V, IOUT = 30 mA,
−40 °C ≤ Ta ≤ 85 °C
±130
ppm/
°C
6
Current consumption
during operation
ISS1
VIN
= VOUT(S) + 1.0 V, VOUT = VVADJ,
ON/OFF pin
= ON, no load
60
90
µA
7
Current consumption
during shutdown
ISS2
VIN
= VOUT(S) + 1.0 V, VOUT = VVADJ,
ON/OFF pin
= OFF, no load
0.1
1.0
µA
7
Input voltage
VIN
2.0
10
V
Shutdown pin
input voltage “H”
VSH
VIN
= VOUT(S) + 1.0 V, RL = 1.0 kΩ
1.5
V
9
Shutdown pin
input voltage “L”
VSL
VIN
= VOUT(S) + 1.0 V, RL = 1.0 kΩ
0.25
V
9
Shutdown pin
input current “H”
ISH
VIN
= VOUT(S) + 1.0 V, VON/OFF = 7 V
−0.1
0.1
µA
9
Shutdown pin
input current “L”
ISL
VIN
= VOUT(S) + 1.0 V, VON/OFF = 0 V
−0.1
0.1
µA
9
Ripple rejection
RR
VVADJ
= VOUT, VIN = VOUT(S) + 1.0 V,
f
= 1.0 kHz, ∆Vrip = 0.5 Vrms,
IOUT
= 50 mA, VOUT(S) = 1.8 V
65
dB
10
Short-circuit current
Ishort
VIN
= VOUT(S) + 1.0 V, ON/OFF pin = ON,
VOUT
= 0 V
200
mA
8
Thermal shutdown
detection temperature
TSD
Junction temperature
150
°C
Thermal shutdown
release temperature
TSR
Junction temperature
120
°C


Similar Part No. - S-1133B52-I8T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1133B52-I8T1U ABLIC-S-1133B52-I8T1U Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results

Similar Description - S-1133B52-I8T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1138 UTC-L1138 Datasheet
234Kb / 8P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1170 ABLIC-S-1170 Datasheet
415Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com