Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS1523 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS1523
Description  Video Clock Synthesizer with I2C Programmable Delay
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1523 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS1523 Datasheet HTML 12Page - Integrated Device Technology ICS1523 Datasheet HTML 13Page - Integrated Device Technology ICS1523 Datasheet HTML 14Page - Integrated Device Technology ICS1523 Datasheet HTML 15Page - Integrated Device Technology ICS1523 Datasheet HTML 16Page - Integrated Device Technology ICS1523 Datasheet HTML 17Page - Integrated Device Technology ICS1523 Datasheet HTML 18Page - Integrated Device Technology ICS1523 Datasheet HTML 19Page - Integrated Device Technology ICS1523 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
ICS1523
MDS ICS1523 Z
16
Revision 052407
Integrated Device Technology, Inc.
Tech Support: www.idt.com/go/clockhelp
12.2 Timing for 0x0:2=1
Figure 12-3 0x0:2=1 Timing Diagram
Table 12-3
0x0:2=1 Timing Values
Symbol Parameter
Minimum
Typical
Maximum
Units
T2
HSYNC Low to FUNC High Delay
T8 + T3
ns
T3
HSYNC Low to PECL CLK+ High Delay
(DPA Offset = 0)
-10
-
ns
T4
PECL Clock to SSTL_3 Clock Delay
0
0.2
0.6
ns
T5
PECL Clock to FUNC Delay
0.6
1.0
1.6
ns
T6
PECL Clock to PECL/2 Clock
0.6
1.0
1.6
ns
T7
PECL Clock to SSTL_3 CLK/2 Delay
0.4
0.9
1.2
ns
T8
PECL Clock High Time
-
0.5
-
UI


Similar Part No. - ICS1523

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1523 ICST-ICS1523 Datasheet
459Kb / 21P
   Video Clock Synthesizer with I2C Programmable Delay
ICS1523M ICST-ICS1523M Datasheet
459Kb / 21P
   Video Clock Synthesizer with I2C Programmable Delay
ICS1523MLF ICST-ICS1523MLF Datasheet
459Kb / 21P
   Video Clock Synthesizer with I2C Programmable Delay
ICS1523MLFT ICST-ICS1523MLFT Datasheet
459Kb / 21P
   Video Clock Synthesizer with I2C Programmable Delay
ICS1523MT ICST-ICS1523MT Datasheet
459Kb / 21P
   Video Clock Synthesizer with I2C Programmable Delay
More results

Similar Description - ICS1523

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1523 ICST-ICS1523 Datasheet
459Kb / 21P
   Video Clock Synthesizer with I2C Programmable Delay
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
   Video Clock Synthesizer
ICS1526 ICST-ICS1526 Datasheet
611Kb / 11P
   Video Clock Synthesizer
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
logo
Renesas Technology Corp
ICS680-01 RENESAS-ICS680-01 Datasheet
363Kb / 10P
   NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
REV H 051310
logo
Integrated Circuit Syst...
ICS680-01 ICST-ICS680-01 Datasheet
154Kb / 8P
   Networking Clock Synthesizer and Zero Delay Buffer
logo
PhaseLink Corporation
PLL102-108 PLL-PLL102-108 Datasheet
165Kb / 10P
   Programmable DDR Zero Delay Clock Driver
PLL102-109 PLL-PLL102-109 Datasheet
166Kb / 10P
   Programmable DDR Zero Delay Clock Driver
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com