Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS932S825 Datasheet(PDF) 19 Page - Integrated Circuit Systems

Part # ICS932S825
Description  Low Power Clock Chip for Serverworks HT2400 Servers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S825 Datasheet(HTML) 19 Page - Integrated Circuit Systems

Back Button ICS932S825 Datasheet HTML 12Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 13Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 14Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 15Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 16Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 17Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 18Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 19Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 20Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
ICS932S825
1276D—10/25/07
Ordering Information
ICS932S825yGLFT
Example:
Designation for tape and reel packaging
Lead Free, RoHS Compliant (Optional)
Package Type
G = TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
ICS XXXX y G - LF T
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.17
0.27
.007
.011
c
0.09
0.20
.0035
.008
D
E
E1
6.00
6.20
.236
.244
e
L
0.45
0.75
.018
.030
N
α
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
64
16.90
17.10
.665
.673
10-0039
N
D mm.
D (inch)
Reference Doc.: JEDEC Publication 95, MO-153
0.50 BASIC
0.020 BASIC
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
8.10 BASIC
0.319 BASIC
6.10 mm. Body, 0.50 mm. Pitch TSSOP
(240 mil)
(20 mil)
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS
COMMON DIMENSIONS
INDEX
AREA
12
N
D
E1
E

SEATING
PLANE
A1
A
A2
e
-C -
b
c
L
aaa C


Similar Part No. - ICS932S825

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS932S825 RENESAS-ICS932S825 Datasheet
434Kb / 21P
   Low Power Clock Chip for Serverworks HT2400 Servers
2019
More results

Similar Description - ICS932S825

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS932S825 RENESAS-ICS932S825 Datasheet
434Kb / 21P
   Low Power Clock Chip for Serverworks HT2400 Servers
2019
logo
Integrated Device Techn...
ICS932S805C IDT-ICS932S805C Datasheet
169Kb / 19P
   K8 Clock Chip for Serverworks HT2100 Servers
logo
Renesas Technology Corp
ICS932S805C RENESAS-ICS932S805C Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
logo
List of Unclassifed Man...
ICS932S801AFLFT ETC2-ICS932S801AFLFT Datasheet
194Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
logo
Renesas Technology Corp
ICS932S801 RENESAS-ICS932S801 Datasheet
397Kb / 21P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
2019
logo
List of Unclassifed Man...
ICS932S801AFLF ETC2-ICS932S801AFLF Datasheet
183Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
logo
Cypress Semiconductor
CY28159 CYPRESS-CY28159 Datasheet
146Kb / 13P
   Clock Generator for Serverworks Grand Champion Chipset Applications
logo
SpectraLinear Inc
CY28159 SPECTRALINEAR-CY28159 Datasheet
233Kb / 12P
   Clock Generator for Serverworks Grand Champion Chipset Applications
logo
Renesas Technology Corp
932S806 RENESAS-932S806 Datasheet
577Kb / 21P
   Clock Chip for 2 and 4-way AMD K8-based servers
2019
932S890C RENESAS-932S890C Datasheet
416Kb / 22P
   RD890 SYSTEM CLOCK FOR AMD-BASED SERVERS 932S890C
REV D 052011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com