Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1172B20-E6T1G Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-1172B20-E6T1G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1172B20-E6T1G Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-1172B20-E6T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1172B20-E6T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1172B20-E6T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1172B20-E6T1G Datasheet HTML 10Page - Seiko Instruments Inc S-1172B20-E6T1G Datasheet HTML 11Page - Seiko Instruments Inc S-1172B20-E6T1G Datasheet HTML 12Page - Seiko Instruments Inc S-1172B20-E6T1G Datasheet HTML 13Page - Seiko Instruments Inc S-1172B20-E6T1G Datasheet HTML 14Page - Seiko Instruments Inc S-1172B20-E6T1G Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.1.1_00
S-1172 Series
Seiko Instruments Inc.
11
Standard Circuit
CIN
*1
CL
*2
Input
Output
GND
Single GND
VOUT
VIN
VSS
ON/OFF
*1. CIN is a capacitor for stabilizing the input.
*2. Ceramic capacitor of 4.7
µF or more can be used as CL.
Figure 11
Caution
The above connection diagram and constant will not guarantee successful operation. Perform
thorough evaluation using the actual application to set the constant.
Application Conditions
Input capacitor (CIN) :
4.7
µF or more
Output capacitor (CL) :
4.7
µF or more (ceramic capacitor)
Caution
1. Set input capacitor (CIN) and output capacitor (CL) as CIN = CL.
2. Generally, series regulator may oscillate depending on the external components. Confirm that
no oscillation occurs in the application for which the above capacitors are used.
Selection of Input and Output Capacitors (CIN, CL)
The S-1172 Series requires an output capacitor between the VOUT and VSS pin for phase compensation. Operation
is stabilized by a ceramic capacitor with an output capacitance of 4.7
µF or more over the entire temperature range.
When using an OS capacitor, a tantalum capacitor, or an aluminum electrolytic capacitor, the capacitance must be 4.7
µF or more.
The values of output overshoot and undershoot, which are transient response characteristics, vary depending on the
value of output capacitor.
The required value of capacitance for the input capacitor differs depending on the application.
Set the value for input capacitor (CIN) and output capacitor (CL) as follows.
CIN
≥ 4.7 µF
CL
≥ 4.7 µF
CIN = CL
Caution The S-1172 Series may oscillate if setting the value as CIN
≥ 4.7 µF, CL ≥ 4.7 µF, CIN < CL.
Define the values by sufficient evaluation including the temperature characteristics under the usage
condition.


Similar Part No. - S-1172B20-E6T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1172B20-E6T1X ABLIC-S-1172B20-E6T1X Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
More results

Similar Description - S-1172B20-E6T1G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
logo
Seiko Instruments Inc
S-1155 SII-S-1155 Datasheet
773Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-13A1 SII-S-13A1 Datasheet
3Mb / 74P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1172 ABLIC-S-1172 Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com