Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1167B27-I6T2G Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-1167B27-I6T2G
Description  ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1167B27-I6T2G Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-1167B27-I6T2G Datasheet HTML 1Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 2Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 3Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 4Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 5Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 6Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 7Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 8Page - Seiko Instruments Inc S-1167B27-I6T2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.3_00
S-1167 Series
Seiko Instruments Inc.
3
Product Name Structure
The product types, output voltage value and package types for the S-1167 Series can be selected at the user’s request.
Refer to the “1. Product Name” for the construction of the product name and “2. Product Name List” for the full product
names.
1. Product Name
S-1167 x xx - xxxx G
Package name (abbreviation) and packing specifications
*1
M5T1:SOT-23-5, Tape
I6T2 : SNT-6A(H), Tape
Output voltage
15 to 55
(e.g. When output voltage is 1.5 V, it is expressed as 15.)
Product type
*2
A : ON / OFF pin negative logic
B : ON / OFF pin positive logic
*1. Refer to the taping specifications.
*2. Refer to the “3. Shutdown (ON / OFF Pin)” in the “ Operation”.


Similar Part No. - S-1167B27-I6T2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1167B27-I6T2U ABLIC-S-1167B27-I6T2U Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
More results

Similar Description - S-1167B27-I6T2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S1312 SII-S1312 Datasheet
2Mb / 47P
   LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1312XXXH SII-S1312XXXH Datasheet
2Mb / 38P
   OPERATION LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com