Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1132B40-U5T1G Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-1132B40-U5T1G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1132B40-U5T1G Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-1132B40-U5T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1132B40-U5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1132B40-U5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1132B40-U5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1132B40-U5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1132B40-U5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1132B40-U5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1132B40-U5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1132B40-U5T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.2_00
S-1132 Series
Seiko Instruments Inc.
5
Pin Configuration
Table 2
Pin No.
Symbol
Description
1
VIN
Input voltage pin
2
VSS
GND pin
3
ON/OFF
Shutdown pin
4
NC
*1
No connection
5
VOUT
Output voltage pin
*1. The NC pin is electrically open.
The NC pin can be connected to VIN or VSS.
5
4
1
3
2
SOT-23-5
Top view
Figure 2
Table 3
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VSS
GND pin
3
NC
*1
No connection
4
ON/OFF
Shutdown pin
5
VIN
Input voltage pin
*1. The NC pin is electrically open.
The NC pin can be connected to VIN or VSS.
5
4
1
3
2
SOT-89-5
Top view
Figure 3
Table 4
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VSS
GND pin
3
NC
*1
No connection
4
ON/OFF
Shutdown pin
5
VSS
GND pin
SNT-6A(H)
Top view
1
2
3
4
6
5
6
VIN
Input voltage pin
Figure 4
*1. The NC pin is electrically open.
The NC pin can be connected to VIN or VSS.


Similar Part No. - S-1132B40-U5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1132B40-U5T1X ABLIC-S-1132B40-U5T1X Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
More results

Similar Description - S-1132B40-U5T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com