Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8253AAB-T8T1GZ Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-8253AAB-T8T1GZ
Description  BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8253AAB-T8T1GZ Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-8253AAB-T8T1GZ Datasheet HTML 1Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 2Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 3Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 4Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 5Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 6Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 7Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 8Page - Seiko Instruments Inc S-8253AAB-T8T1GZ Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
Rev.3.7_00
S-8253A/B Series
Seiko Instruments Inc.
5
Pin Configuration
Table 3 S-8253A Series
Pin No.
Symbol
Description
1
DOP
Connection pin for discharge control FET gate
(CMOS output)
DOP
COP
VMP
CTL
VDD
VC1
VC2
VSS
8-Pin TSSOP
Top view
1
2
3
4
8
7
6
5
2
COP
Connection pin for charge control FET gate
(Nch open-drain output)
Figure 3
3
VMP
Pin for voltage detection between VDD and VMP
(Detection pin for overcurrent)
4
CTL
Input pin for charge / discharge control signal,
Pin for shortening test time
( L : Normal operation,
H : inhibit charge / discharge
M (VDD
× 1 / 2) : shorten test time)
5
VSS
Input pin for negative power supply,
Connection pin for negative voltage of battery 2
6
VC2
No connection
*1
7
VC1
Connection pin for negative voltage of battery 1,
for positive voltage of battery 2
8
VDD
Input pin for positive power supply,
Connection pin for positive voltage of battery 1
*1. No connection is electrically open. This pin can be connected to VDD or VSS.
Remark Refer to the package drawings for the external views.
Table 4 S-8253B Series
Pin No.
Symbol
Description
1
DOP
Connection pin for discharge control FET gate
(CMOS output)
2
COP
Connection pin for charge control FET gate
(Nch open-drain output)
3
VMP
Pin for voltage detection between VDD and VMP
(Detection pin for overcurrent)
4
CTL
Input pin for charge / discharge control signal,
pin for shortening test time
( L : Normal operation,
H : inhibit charge / discharge,
M (VDD
× 1 / 2) : shorten test time)
5
VSS
Input pin for negative power supply,
Connection pin for negative voltage of battery 3
6
VC2
Connection pin for negative voltage of battery 2,
for positive voltage of battery 3
7
VC1
Connection pin for negative voltage of battery 1,
for positive voltage of battery 2
8
VDD
Input pin for positive power supply,
Connection pin for positive voltage of battery 1
Remark Refer to the package drawings for the external views.


Similar Part No. - S-8253AAB-T8T1GZ

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8253C ABLIC-S-8253C Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAA-T8T1GZ ABLIC-S-8253CAA-T8T1GZ Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAC-T8T1Y ABLIC-S-8253CAC-T8T1Y Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAD-T8T1GZ ABLIC-S-8253CAD-T8T1GZ Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8253CAH-T8T1GZ ABLIC-S-8253CAH-T8T1GZ Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
More results

Similar Description - S-8253AAB-T8T1GZ

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8213 SII-S8213 Datasheet
524Kb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
logo
Unisonic Technologies
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S-8254AAFFT SII-S-8254AAFFT Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8254AANFT-TB-G SII-S-8254AANFT-TB-G Datasheet
268Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8254A ABLIC-S-8254A Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
logo
Unisonic Technologies
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S8223A SII-S8223A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com