Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1172B18-E6T1G Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-1172B18-E6T1G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1172B18-E6T1G Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-1172B18-E6T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1172B18-E6T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1172B18-E6T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1172B18-E6T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1172B18-E6T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1172B18-E6T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1172B18-E6T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1172B18-E6T1G Datasheet HTML 10Page - Seiko Instruments Inc S-1172B18-E6T1G Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.1.1_00
S-1172 Series
Seiko Instruments Inc.
7
Power Dissipation of HSOP-6 (Reference)
Power dissipation of package differs depending on the mounting conditions.
Consider the power dissipation characteristics under the following conditions as reference.
[Mounted board]
(1) Board size :
50 mm
× 50 mm × t1.6 mm
(2) Board material :
Glass epoxy resin (two layers)
(3) Wiring ratio :
90%
(4) Test conditions :
When mounted on board (wind speed : 0 m/s)
(5) Land pattern :
Refer to the recommended land pattern (drawing code : FH006-A)
0
50
100
150
2400
1600
0
Ambient temperature (Ta) [
°C]
800
2000
1200
400
Figure 5 Power Dissipation of Package (When Mounted on Board)
Table 6
Condition
Power Dissipation (Reference)
Thermal Resistance Value (
θj−a)
HSOP-6 (When mounted on board)
2000 mW
50°C/W


Similar Part No. - S-1172B18-E6T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1172B18-E6T1X ABLIC-S-1172B18-E6T1X Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
More results

Similar Description - S-1172B18-E6T1G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
logo
Seiko Instruments Inc
S-1155 SII-S-1155 Datasheet
773Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-13A1 SII-S-13A1 Datasheet
3Mb / 74P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1172 ABLIC-S-1172 Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com