Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8211CAL-M5T1G Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8211CAL-M5T1G
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8211CAL-M5T1G Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8211CAL-M5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-8211CAL-M5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-8211CAL-M5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-8211CAL-M5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-8211CAL-M5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-8211CAL-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8211CAL-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8211CAL-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc S-8211CAL-M5T1G Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8211C Series
Rev.5.0_00
Seiko Instruments Inc.
6
Table 3
Delay Time
Combination
Overcharge
Detection
Delay Time
tCU
Overdischarge
Detection
Delay Time
tDL
Discharge Overcurrent
Detection
Delay Time
tDIOV
Load Short-circuiting
Detection
Delay Time
tSHORT
Charge Overcurrent
Detection
Delay Time
tCIOV
(1)
1.2 s
150 ms
9 ms
300
µs
9 ms
(2)
1.2 s
150 ms
9 ms
560
µs
9 ms
(3)
143 ms
38 ms
18 ms
300
µs
9 ms
(4)
1.2 s
150 ms
18 ms
300
µs
9 ms
(5)
1.2 s
38 ms
9 ms
300
µs
9 ms
(6)
1.2 s
150 ms
4.5 ms
300
µs
9 ms
(7)
573 ms
150 ms
4.5 ms
300
µs
4.5 ms
Remark The delay times can be changed within the range listed Table 4. For details, please contact our sales office.
Table 4
Delay Time
Symbol
Selection Range
Remark
Overcharge detection delay time
tCU
143 ms
573 ms
1.2 s
Select a value from the left.
Overdischarge detection delay time
tDL
38 ms
150 ms
300 ms
Select a value from the left.
Discharge overcurrent detection delay time
tDIOV
4.5 ms
9 ms
18 ms
Select a value from the left.
Load short-circuiting detection delay Time
tSHORT
300
µs
560
µs
Select a value from the left.
Charge overcurrent detection delay time
tCIOV
4.5 ms
9 ms
18 ms
Select a value from the left.
Remark The value surrounded by bold lines is the delay time of the standard products.


Similar Part No. - S-8211CAL-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8211CAL-M5T1X ABLIC-S-8211CAL-M5T1X Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
More results

Similar Description - S-8211CAL-M5T1G

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
Seiko Instruments Inc
S-8211D SII-S-8211D Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com