Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8120C Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8120C
Description  CMOS TEMPERATURE SENSOR IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8120C Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8120C Datasheet HTML 6Page - Seiko Instruments Inc S-8120C Datasheet HTML 7Page - Seiko Instruments Inc S-8120C Datasheet HTML 8Page - Seiko Instruments Inc S-8120C Datasheet HTML 9Page - Seiko Instruments Inc S-8120C Datasheet HTML 10Page - Seiko Instruments Inc S-8120C Datasheet HTML 11Page - Seiko Instruments Inc S-8120C Datasheet HTML 12Page - Seiko Instruments Inc S-8120C Datasheet HTML 13Page - Seiko Instruments Inc S-8120C Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
CMOS TEMPERATURE SENSOR IC
S-8110C/8120C Series
Rev.4.3_00
Seiko Instruments Inc.
10
Precautions
• Wiring patterns for VDD pin, VOUT pin and VSS pin should be designed to hold low impedance.
• In this IC, if load capacitance of VOUT pin is large, VOUT pin voltage may oscillate. It is recommended not to
use the external capacitor between the VOUT and VSS pin. In case of using external capacitor, mount it near
the VOUT pin.
When connecting A/D converter etc. to the VOUT pin, input pin capacitance of A/D converter and the
parasitic capacitance component between wires are included as load capacitance.
To prevent oscillation, it is recommended to use the following output load condition.
Load capacitance of VOUT pin (CL) : 100 pF or less
• In this IC, if load resistance of VOUT pin is small, VOUT pin voltage may oscillate. It is recommended not to
use the external resistor between the VOUT and VSS pin.
When connecting A/D converter etc. to the VOUT pin, input resistance of A/D converter and the parasitic
resistance component between wires are included as load resistance.
To prevent oscillation, it is recommended to use the following output load condition.
Load resistance of VOUT pin (RL) : 500 kΩ or more
VSS
VDD
VOUT
S-8110C/8120C
Series
CL
RL
VOUT
Figure 9
Caution The above connection diagram and constant will not guarantee successful operation.
Perform through evaluation using the actual application to set the constant.
• Please do not connect a pull-up resistor to the output voltage pin.
• The application condition for input voltage, output voltage and load current must not exceed the package
power dissipation.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in
electrostatic protection circuit.
• In determining output current, attention should be paid to the output current value specified in the Table 5 to
Table 6
for electrical characteristics and the footnote *1 of the Table 5 to Table 6.
• SII claims no responsibility for any and all disputes arising out of or in connection with any infringement of the
products including this IC upon patents owned by a third party.


Similar Part No. - S-8120C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8120ANP SII-S-8120ANP Datasheet
123Kb / 9P
   LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR IC
More results

Similar Description - S-8120C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
S-58LM20A SII-S-58LM20A Datasheet
509Kb / 27P
   CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S58LM20A SII-S58LM20A Datasheet
538Kb / 28P
   CMOS TEMPERATURE SENSOR IC
S5813A SII-S5813A Datasheet
440Kb / 19P
   CMOS TEMPERATURE SENSOR IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com