Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-7750C Datasheet(PDF) 20 Page - Seiko Instruments Inc

Part # S-7750C
Description  PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-7750C Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S-7750C Datasheet HTML 16Page - Seiko Instruments Inc S-7750C Datasheet HTML 17Page - Seiko Instruments Inc S-7750C Datasheet HTML 18Page - Seiko Instruments Inc S-7750C Datasheet HTML 19Page - Seiko Instruments Inc S-7750C Datasheet HTML 20Page - Seiko Instruments Inc S-7750C Datasheet HTML 21Page - Seiko Instruments Inc S-7750C Datasheet HTML 22Page - Seiko Instruments Inc S-7750C Datasheet HTML 23Page - Seiko Instruments Inc S-7750C Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S-7750C
Rev.1.1_00
Seiko Instruments Inc.
20
4. Acknowledgment
Data is transmitted sequentially in 8-bit. Changing the SDA line to “L” indicates that the devices on the system bus
have received data, thus the devices send an acknowledgment signal back during the 9th clock of cycle.
The S-7750C does not send an acknowledgment signal back during the Write operation.
1
8
9
Acknowledgment
signal output
Start
Condition
SCL
(
Input)
SDA
(Master device
’s output)
SDA
(
Output)
Figure 23 Acknowledgment Output Timing 1
The both commands, reload command and switching access to register / E
2PROM command are 1-byte, but inputting them
as the command 2-byte or more is possible by adding dummy data. However, the S-7750C executes the command at the
moment that it has loaded 9-bit. And in this case, inputting clock 2-byte or more after inputting these commands makes the
SDA pin set in high-impedance. However, in the acknowledgment timing, S-7750C sends acknowledgment signal back
regardless of the setting at
W
/
R
bit. Figure 24 shows the output timing of acknowledgment signal.
SCL
SDA
High-Impedance
Acknowledgement Signal from S-7750C
R / W
Device Code
Command
(0000 or 0001)
Start Condition
Stop Condition
High-Impedance
Figure 24 Acknowledgment Output Timing 2


Similar Part No. - S-7750C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100AXX-I8T1U4 SII-S-77100AXX-I8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
S-77100AXX-T8T1U4 SII-S-77100AXX-T8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
More results

Similar Description - S-7750C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7760A SII-S-7760A Datasheet
844Kb / 53P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S7760A SII-S7760A Datasheet
3Mb / 54P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
   Advanced modular controller with built-in serial port
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
   8-bit port expander with advanced touchscreen controller
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
   S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com