Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1000C17-N4T1G Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # S-1000C17-N4T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1000C17-N4T1G Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button S-1000C17-N4T1G Datasheet HTML 11Page - Seiko Instruments Inc S-1000C17-N4T1G Datasheet HTML 12Page - Seiko Instruments Inc S-1000C17-N4T1G Datasheet HTML 13Page - Seiko Instruments Inc S-1000C17-N4T1G Datasheet HTML 14Page - Seiko Instruments Inc S-1000C17-N4T1G Datasheet HTML 15Page - Seiko Instruments Inc S-1000C17-N4T1G Datasheet HTML 16Page - Seiko Instruments Inc S-1000C17-N4T1G Datasheet HTML 17Page - Seiko Instruments Inc S-1000C17-N4T1G Datasheet HTML 18Page - Seiko Instruments Inc S-1000C17-N4T1G Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.2.3_00
S-1000 Series
Seiko Instruments Inc.
15
2. 3 Temperature characteristics of hysteresis voltage
The temperature changes of the hysteresis voltage is expressed as
Ta
V
Ta
V
DET
DET
+
and is calculated as
follows:
Ta
V
V
V
Ta
V
Ta
V
DET
DET
HYS
DET
DET
×
=
+
Standard Circuit
VDD
OUT
VSS
R*
1
100 k
*1.
R is unnecessary for CMOS output products.
Figure 17
Caution The above connection diagram and constants do not guarantee correct operation. Perform sufficient
evaluation using the actual application to set the constants.
Explanation of Terms
1. Detection voltage (
−VDET), release voltage (+VDET)
The detection voltage (
−VDET) is a voltage at which the output turns to “L”. The detection voltage varies slightly among
products of the same specification. The variation of detection voltage between the specified minimum (
−VDET) Min. and the
maximum (
−VDET) Max. is called the detection voltage range (Refer to Figure 18).
Example: For the S-1000C15, the detection voltage lies in the range of 1.485
≤ (−VDET) ≤ 1.515.
This means that some S-1000C15s have 1.485 V for
−VDET and some have 1.515 V.
The release voltage is a voltage at which the output turns to “H”. The release voltage varies slightly among products of
the same specification. The variation of release voltages between the specified minimum (
+VDET) Min. and the maximum
(
+VDET) Max. is called the release voltage range (Refer to Figure 19). The range is calculed from the actual detection
voltage (
−VDET) of a product and is expressed by −VDET × 1.03 ≤ +VDET ≤ −VDET × 1.07.
Example: For the S-1000C15, the release voltage lies in the range of 1.530
≤ (+VDET) ≤ 1.621.
This means that some S-1000C15s have 1.530 V for
+VDET and some have 1.621 V.


Similar Part No. - S-1000C17-N4T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000C17-N4T1X ABLIC-S-1000C17-N4T1X Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
More results

Similar Description - S-1000C17-N4T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com