Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5815A-H4T1 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-5815A-H4T1
Description  CMOS TEMPERATURE SENSOR IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5815A-H4T1 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-5815A-H4T1 Datasheet HTML 5Page - Seiko Instruments Inc S-5815A-H4T1 Datasheet HTML 6Page - Seiko Instruments Inc S-5815A-H4T1 Datasheet HTML 7Page - Seiko Instruments Inc S-5815A-H4T1 Datasheet HTML 8Page - Seiko Instruments Inc S-5815A-H4T1 Datasheet HTML 9Page - Seiko Instruments Inc S-5815A-H4T1 Datasheet HTML 10Page - Seiko Instruments Inc S-5815A-H4T1 Datasheet HTML 11Page - Seiko Instruments Inc S-5815A-H4T1 Datasheet HTML 12Page - Seiko Instruments Inc S-5815A-H4T1 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CMOS TEMPERATURE SENSOR IC
Rev.1.1_01
S-5815A/5816A Series
Seiko Instruments Inc.
9
3. Nonlinearity (
∆NL)
∆NL indicates the nonlinearity of the output voltage and is defined as the difference of the characteristic curve of the output
voltage and the approximation line shown below.
∆NL is calculated using the following formula.
100
b
a
∆NL
×
=
2
*
*1
Output voltage (VOUT)
VOUT (at Ta =
−20°C)
0
°C
80
°C
Temperature (Ta)
VOUT (at Ta = 80
°C)
(B) Actual measurement
of output voltage
a
a
(A) Approximation line
a
b
−20°C
*1. The maximum deviation of the actual measurement of output voltage (B) and an approximation line (A) in
temperature within
−20°C to 80°C. The approximation line is the line drawn so that “a” should be the minimum
value.
*2. The difference of the output voltage within
−20°C to 80°C.
Figure 9
4. Line regulation (
∆VOUT1)
∆VOUT1 indicates the output voltage dependency of the input voltage. That is, the values express how the output voltage
changes, when input voltage is changed under the condition that output current is fixed.
5. Load regulation (
∆VOUT2)
∆VOUT2 indicates the output voltage dependency of the output current. That is, the values express how the output
voltage changes, when output current is changed under the condition that input voltage is fixed.


Similar Part No. - S-5815A-H4T1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S-5813A-I4T1G SII-S-5813A-I4T1G Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S-5814A SII-S-5814A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S-5814A-I4T1G SII-S-5814A-I4T1G Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
More results

Similar Description - S-5815A-H4T1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
S-58LM20A SII-S-58LM20A Datasheet
509Kb / 27P
   CMOS TEMPERATURE SENSOR IC
S-8110C SII-S-8110C Datasheet
324Kb / 21P
   CMOS TEMPERATURE SENSOR IC
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S58LM20A SII-S58LM20A Datasheet
538Kb / 28P
   CMOS TEMPERATURE SENSOR IC
S5813A SII-S5813A Datasheet
440Kb / 19P
   CMOS TEMPERATURE SENSOR IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com