Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1323B22PF-N8HTFG Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-1323B22PF-N8HTFG
Description  HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1323B22PF-N8HTFG Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-1323B22PF-N8HTFG Datasheet HTML 2Page - Seiko Instruments Inc S-1323B22PF-N8HTFG Datasheet HTML 3Page - Seiko Instruments Inc S-1323B22PF-N8HTFG Datasheet HTML 4Page - Seiko Instruments Inc S-1323B22PF-N8HTFG Datasheet HTML 5Page - Seiko Instruments Inc S-1323B22PF-N8HTFG Datasheet HTML 6Page - Seiko Instruments Inc S-1323B22PF-N8HTFG Datasheet HTML 7Page - Seiko Instruments Inc S-1323B22PF-N8HTFG Datasheet HTML 8Page - Seiko Instruments Inc S-1323B22PF-N8HTFG Datasheet HTML 9Page - Seiko Instruments Inc S-1323B22PF-N8HTFG Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-1323 Series
Rev.4.2_00
6
Seiko Instruments Inc.
Absolute Maximum Ratings
Table 4
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
VIN
VSS
−0.3 ∼ VSS+7
V
Input voltage
VON/OFF
VSS
−0.3 ∼ VIN+0.3
V
Output voltage
VOUT
VSS
−0.3 ∼ VIN+0.3
V
SNT-4A
300
*1
mW
200 (When not mounted on board)
mW
Power dissipation
SC-82AB
PD
400
*1
mW
Operating ambient temperature
Topr
−40 ∼ +85
°C
Storage temperature
Tstg
−40 ∼ +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size: 114.3 mm × 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
400
200
0
Ambient Temperature (Ta) (
°C)
500
300
100
SNT-4A
SC-82AB
0
50
100
150
400
200
0
Ambient Temperature (Ta) (
°C)
500
300
100
SC-82AB
Figure 4 Power Dissipation of Package


Similar Part No. - S-1323B22PF-N8HTFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1323B22PF-N8HTFU ABLIC-S-1323B22PF-N8HTFU Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
More results

Similar Description - S-1323B22PF-N8HTFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
Seiko Instruments Inc
S1323 SII-S1323 Datasheet
534Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2985 SII-S-L2985 Datasheet
244Kb / 23P
   HIGH RIPPLE-REJECTION WLP PACKAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Rohm
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com