Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1206B20-M3T1G Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-1206B20-M3T1G
Description  ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1206B20-M3T1G Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-1206B20-M3T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1206B20-M3T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1206B20-M3T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1206B20-M3T1G Datasheet HTML 10Page - Seiko Instruments Inc S-1206B20-M3T1G Datasheet HTML 11Page - Seiko Instruments Inc S-1206B20-M3T1G Datasheet HTML 12Page - Seiko Instruments Inc S-1206B20-M3T1G Datasheet HTML 13Page - Seiko Instruments Inc S-1206B20-M3T1G Datasheet HTML 14Page - Seiko Instruments Inc S-1206B20-M3T1G Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.1_00
S-1206 Series
Seiko Instruments Inc.
11
7. Temperature Coefficient of Output Voltage


OUT
OUT
V
∆Ta
∆V
The shadowed area in Figure 10 is the range where VOUT varies in the operating temperature range when the
temperature coefficient of the output voltage is
±120 ppm/°C.
e.g. S-1206B30 Typ.
−40
25
+0.36 mV/°C
VOUT [V]
85
Ta [
°C]
VOUT(E)
*1
−0.36 mV/°C
*1.
VOUT(E) is the value of the output voltage measured at 25
°C.
Figure 10
A change in the temperature of the output voltage [mV/
°C] is calculated using the following equation.
[]
[ ]
[] 1000
C
ppm/
V
Ta
V
V
V
C
mV/
Ta
V
OUT
OUT
OUT(S)
OUT
÷
°
×
=
°
3
*
2
*
*1
*1.
The temperature change ratio of the output voltage
*2.
Specified output voltage
*3.
Output voltage temperature coefficient


Similar Part No. - S-1206B20-M3T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1206B20-M3T1X ABLIC-S-1206B20-M3T1X Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
More results

Similar Description - S-1206B20-M3T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 SII-S-1167 Datasheet
474Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
ACE Technology Co., LTD...
ACE5016A ACE-ACE5016A Datasheet
773Kb / 11P
   Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com