Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1206B19-M3T1G Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-1206B19-M3T1G
Description  ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1206B19-M3T1G Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-1206B19-M3T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1206B19-M3T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1206B19-M3T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1206B19-M3T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1206B19-M3T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1206B19-M3T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1206B19-M3T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1206B19-M3T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1206B19-M3T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.1_00
S-1206 Series
Seiko Instruments Inc.
3
Product Name Structure
The output voltage value and package types for the S-1206 Series can be selected at the user’s request. Refer to “1.
Product Name” for the construction of the product name and “2. Product Name List” for the full product names.
1. Product Name
S-1206 B xx - xxxx G
Package name (abbreviation) and packing specifications
*1
M3T1 : SOT-23-3, Tape
U3T1 : SOT-89-3, Tape
I6T2 :
SNT-6A(H), Tape
Output voltage value
12 to 52
(e.g. When output voltage is 1.2 V, it is expressed as 12.)
*1. Refer to the taping specifications.


Similar Part No. - S-1206B19-M3T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1206B19-M3T1X ABLIC-S-1206B19-M3T1X Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
More results

Similar Description - S-1206B19-M3T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 SII-S-1167 Datasheet
474Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
ACE Technology Co., LTD...
ACE5016A ACE-ACE5016A Datasheet
773Kb / 11P
   Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com