Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1167B19-M5T1G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1167B19-M5T1G
Description  ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1167B19-M5T1G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1167B19-M5T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1167B19-M5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1167B19-M5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1167B19-M5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1167B19-M5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1167B19-M5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1167B19-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1167B19-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1167B19-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Rev.2.3_00
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION
AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 Series
Seiko Instruments Inc.
1
The S-1167 Series is a positive voltage regulator with ultra low current
consumption, high ripple rejection, low drop voltage and high output
voltage accuracy developed based on CMOS technology.
Although current consumption is very small with 9
µA typ., S-1167 Series
realized the 70 dB of high ripple rejection rate. Besides a 1.0
µF ceramic
capacitor is available as an input-and-output capacitor.
Moreover, dropout voltage is also small since output voltage accuracy
realizes
±1.0% of high accuracy, and the low-on-resistance transistor is
built-in. A built-in Output current protector prevents the load current from
exceeding the current capacitance of the output transistor. A shutdown
circuit ensures long battery life.
Two packages, SOT-23-5 and SNT-6A(H), are available.
Compared with the voltage regulators using the conventional CMOS
process, S-1167 Series is the most suitable for the portable equipments
with ultra low current consumption and corresponding to the small
package.
Features
• Output voltage :
1.5 to 5.5 V, selectable in 0.1 V steps.
• Low equivalent series resistance capacitor can be used : A ceramic capacitor of 1.0
µF or more can be used for the
output capacitor.
• Wide input voltage range :
2.0 to 6.5 V
• High-accuracy output voltage :
±1.0%
• Low dropout voltage :
150 mV typ. (3.0 V output product, at IOUT = 100 mA)
• Low current consumption :
During operation : 9
µA typ., 16 µA max.
During shutdown : 0.1
µA typ., 0.9 µA max.
• High peak current capacity :
150 mA output is possible. (at VIN
≥ VOUT(S) + 1.0 V)
*1
• High ripple rejection :
70 dB typ. (at 1.0 kHz, VOUT = 3.0 V)
• Built-in overcurrent protector :
Overcurrent of output transistor can be restricted.
• Built-in shutdown circuit :
Ensures long battery life.
• Small package :
SOT-23-5, SNT-6A(H)
• Lead-free products
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Power supply for battery-powered devices
• Power supply for cellular phones
• Power supply for portable equipments
Packages
Drawing Code
Package Name
Package
Tape
Reel
Land
SOT-23-5
MP005-A
MP005-A
MP005-A
SNT-6A(H)
PI006-A
PI006-A
PI006-A
PI006-A


Similar Part No. - S-1167B19-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1167B19-M5T1X ABLIC-S-1167B19-M5T1X Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
More results

Similar Description - S-1167B19-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S1312 SII-S1312 Datasheet
2Mb / 47P
   LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1312XXXH SII-S1312XXXH Datasheet
2Mb / 38P
   OPERATION LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com