Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1206B13-M3T1G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1206B13-M3T1G
Description  ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1206B13-M3T1G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1206B13-M3T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1206B13-M3T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1206B13-M3T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1206B13-M3T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1206B13-M3T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1206B13-M3T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1206B13-M3T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1206B13-M3T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1206B13-M3T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Rev.1.1_00
ULTRA LOW CURRENT CONSUMPTION
AND LOW DROPOUT CMOS VOLTAGE REGULATOR S-1206 Series
Seiko Instruments Inc.
1
The S-1206 Series is a positive voltage regulator with ultra low current
consumption, low dropout voltage, high output voltage accuracy, and 250
mA output current developed based on CMOS technology.
I/O capacitors are as small as 0.1
µF. S-1206 Series operates at ultra
low current consumption of 1.0
µA (typ.).
The built-in low-on-resistance transistor realizes low dropout voltage and
high output current. A built-in overcurrent protection circuit prevents the
load current from exceeding the current capacitance of the output
transistor.
Three packages, SOT-23-3, SOT-89-3, and SNT-6A(H), are available.
Compared with voltage regulators using a conventional CMOS process,
more types of capacitors, including small I/O capacitors, can be used with
the S-1206 Series.
The S-1206 Series features ultra-low current
consumption and comes in a small package, making them most suitable
for portable equipment.
Features
• Output voltage :
1.2 to 5.2 V, selectable in 0.05 V steps.
• Low equivalent series resistance capacitor can be used : A ceramic capacitor of 0.1 µF or more can be used for the I/O
capacitor.
• Wide input voltage range :
1.7 to 6.5 V
• High-accuracy output voltage :
±1.0% (1.2 to 1.45 V output product : ±15 mV)
• Low dropout voltage :
150 mV typ. (3.0 V output product, at IOUT = 100 mA)
• Low current consumption :
During operation : 1.0
µA typ., 1.5 µA max.
• High output current :
250 mA output is possible. (3.0 V output product, at VIN
VOUT(S)
+ 1.0 V)
*1
• Built-in overcurrent protection circuit :
Overcurrent of output transistor can be restricted.
• Small package :
SOT-23-3, SOT-89-3, SNT-6A(H)
• Lead-free products
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Power supply for battery-powered devices
• Constant-voltage power supply for cellular phones
• Constant-voltage power supply for portable equipments
Packages
Drawing Code
Package Name
Package
Tape
Reel
Land
SOT-23-3
MP003-Z
MP003-Z
MP003-Z
SOT-89-3
UP003-A
UP003-A
UP003-A
SNT-6A(H)
PI006-A
PI006-A
PI006-A
PI006-A


Similar Part No. - S-1206B13-M3T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1206B13-M3T1X ABLIC-S-1206B13-M3T1X Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
More results

Similar Description - S-1206B13-M3T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 SII-S-1167 Datasheet
474Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
ACE Technology Co., LTD...
ACE5016A ACE-ACE5016A Datasheet
773Kb / 11P
   Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com