Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESM3045DV Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESM3045DV
Description  NPN DARLINGTON POWER MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESM3045DV Datasheet(HTML) 1 Page - STMicroelectronics

  ESM3045DV Datasheet HTML 1Page - STMicroelectronics ESM3045DV Datasheet HTML 2Page - STMicroelectronics ESM3045DV Datasheet HTML 3Page - STMicroelectronics ESM3045DV Datasheet HTML 4Page - STMicroelectronics ESM3045DV Datasheet HTML 5Page - STMicroelectronics ESM3045DV Datasheet HTML 6Page - STMicroelectronics ESM3045DV Datasheet HTML 7Page - STMicroelectronics ESM3045DV Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ESM3045DV
NPN DARLINGTON POWER MODULE
s
HIGH CURRENT POWER BIPOLAR MODULE
s
VERY LOW Rth JUNCTION CASE
s
SPECIFIED ACCIDENTAL OVERLOAD
AREAS
s
ULTRAFAST FREEWHEELING DIODE
s
ISOLATED CASE (2500V RMS)
s
EASY TO MOUNT
s
LOW INTERNAL PARASITIC INDUCTANCE
INDUSTRIAL APPLICATIONS:
s
MOTOR CONTROL
s
SMPS & UPS
s
DC/DC & DC/AC CONVERTERS
s
WELDING EQUIPMENT
INTERNAL SCHEMATIC DIAGRAM
September 1997
ISOTOP
ABSOLUTE MAXIMUM RATINGS
Symbol
Parame ter
Value
Unit
VCEV
Collector-Emitter Voltage (VBE = -5 V)
600
V
VCEO(sus) Collector-Emitter Voltage (IB = 0)
450
V
VEBO
Emitter-Base Voltage (IC =0)
7
V
IC
Collector Current
24
A
ICM
Collector Peak Current (tp =10 ms)
36
A
IB
Base Current
2.5
A
IBM
Base Peak Current (tp =10 ms)
5
A
Ptot
Tot al Dissipation at Tc =25
oC
125
W
Tstg
Storage Temperature
-55 to 150
oC
Tj
Max. Ope ra ting Ju nction Temperature
150
oC
VISO
Insulation Withstand Voltage (AC-RMS)
2500
oC
1/8


Similar Part No. - ESM3045DV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESM3045DV STMICROELECTRONICS-ESM3045DV Datasheet
389Kb / 8P
   NPN DARLINGTON POWER MODULE
ESM3045DV STMICROELECTRONICS-ESM3045DV_03 Datasheet
389Kb / 8P
   NPN DARLINGTON POWER MODULE
More results

Similar Description - ESM3045DV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESM5045DV STMICROELECTRONICS-ESM5045DV_03 Datasheet
392Kb / 8P
   NPN DARLINGTON POWER MODULE
ESM5045DV STMICROELECTRONICS-ESM5045DV Datasheet
118Kb / 8P
   NPN DARLINGTON POWER MODULE
ESM2030DV STMICROELECTRONICS-ESM2030DV Datasheet
116Kb / 8P
   NPN DARLINGTON POWER MODULE
ESM2012DV STMICROELECTRONICS-ESM2012DV_03 Datasheet
397Kb / 8P
   NPN DARLINGTON POWER MODULE
ESM4045DV STMICROELECTRONICS-ESM4045DV_03 Datasheet
392Kb / 8P
   NPN DARLINGTON POWER MODULE
ESM3030DV STMICROELECTRONICS-ESM3030DV Datasheet
115Kb / 8P
   NPN DARLINGTON POWER MODULE
ESM6045DV STMICROELECTRONICS-ESM6045DV Datasheet
114Kb / 8P
   NPN DARLINGTON POWER MODULE
ESM4045DV STMICROELECTRONICS-ESM4045DV Datasheet
118Kb / 8P
   NPN DARLINGTON POWER MODULE
ESM6045AV STMICROELECTRONICS-ESM6045AV Datasheet
357Kb / 7P
   NPN DARLINGTON POWER MODULE
ESM7545 STMICROELECTRONICS-ESM7545 Datasheet
236Kb / 9P
   NPN DARLINGTON POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com