Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1133B14-U5T1G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1133B14-U5T1G
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1133B14-U5T1G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1133B14-U5T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1133B14-U5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1133B14-U5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1133B14-U5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1133B14-U5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1133B14-U5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1133B14-U5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1133B14-U5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1133B14-U5T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Rev.2.1_00
HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT
CMOS VOLTAGE REGULATOR
S-1133 Series
Seiko Instruments Inc.
1
The S-1133 Series is a positive voltage regulator with a low dropout
voltage, high output voltage accuracy, and low current consumption
(300 mA output current) developed based on CMOS technology.
A 1
µF small ceramic capacitor can be used
*1. It operates with low
current consumption of 60
µA typ. The S-1133 Series includes an
overcurrent protection circuit that prevents the output current from
exceeding the current capacitance of the output transistor and a
thermal shutdown circuit that prevents damage due to overheating.
In addition to the types in which output voltage is set inside the IC,
a type for which output voltage can be set via an external resistor is
added to a lineup (S-1133x00 Series). SOT-89-5 and super-small
SNT-8A packages realize high-density mounting. This, in addition
to low current consumption, makes the S-1133 Series ideal for
mobile devices.
*1. A ceramic capacitor of 2.2
µF or more can be used for products
whose output voltage is 1.7 V or less.
Features
• Output voltage :
1.2 to 6.0 V, selectable in 0.1 V steps.
• Voltage setting via external resistor :
Selectable from 1.8 to 8.2 V (S-1133B00/S-1133A00)
• Input voltage range :
2.0 to 10 V
• High-accuracy output voltage :
±1.0% accuracy (1.2 to 1.4 V output product : ±15 mV accuracy)
• Low dropout voltage :
130 mV typ. (3.0 V output product, IOUT
= 100 mA)
• Low current consumption :
During operation :
60
µA typ., 90 µA max.
During shutdown :
0.1
µA typ., 1.0 µA max.
• Output current :
300 mA output is possible (at VIN
≥ VOUT(S) + 1.0 V)
*1
• Low ESR capacitor can be used :
A ceramic capacitor of 1.0
µF or more can be used for the input and output
capacitors.
(A ceramic capacitor of 2.2
µF or more can be used for products whose
output voltage is 1.7 V or less.)
• High ripple rejection :
70 dB typ. (at 1.0 kHz, VOUT
= 1.2 V)
• Built-in overcurrent protection circuit : Overcurrent of output transistor can be restricted.
• Built-in thermal shutdown circuit :
Prevents damage due to overheating.
• Built-in ON/OFF circuit :
Ensures long battery life.
• Small package :
SOT-89-5, SNT-8A
• Lead-free products
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Power supply for battery-powered devices
• Power supply for communication devices
• Power supply for home electric appliances
Packages
Drawing Code
Package Name
Package
Tape
Reel
Land
SOT-89-5
UP005-A
UP005-A
UP005-A
UP005-A
SNT-8A
PH008-A
PH008-A
PH008-A
PH008-A


Similar Part No. - S-1133B14-U5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1133B14-U5T1X ABLIC-S-1133B14-U5T1X Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results

Similar Description - S-1133B14-U5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1138 UTC-L1138 Datasheet
234Kb / 8P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1170 ABLIC-S-1170 Datasheet
415Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com