Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-818A36AUC-BGQT2G Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-818A36AUC-BGQT2G
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-818A36AUC-BGQT2G Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-818A36AUC-BGQT2G Datasheet HTML 1Page - Seiko Instruments Inc S-818A36AUC-BGQT2G Datasheet HTML 2Page - Seiko Instruments Inc S-818A36AUC-BGQT2G Datasheet HTML 3Page - Seiko Instruments Inc S-818A36AUC-BGQT2G Datasheet HTML 4Page - Seiko Instruments Inc S-818A36AUC-BGQT2G Datasheet HTML 5Page - Seiko Instruments Inc S-818A36AUC-BGQT2G Datasheet HTML 6Page - Seiko Instruments Inc S-818A36AUC-BGQT2G Datasheet HTML 7Page - Seiko Instruments Inc S-818A36AUC-BGQT2G Datasheet HTML 8Page - Seiko Instruments Inc S-818A36AUC-BGQT2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_00
S-818 Series
Seiko Instruments Inc.
3
Product Code Structure
1. Product name
S-818
x
xx
A xx
- xxx
T2
G
IC direction in tape specifications
*1
Product name (abbreviation)
*2
Package name (abbreviation)
MC: SOT-23-5
UC: SOT-89-5
Output voltage
20 to 60
(e.g., When the output voltage is 2.0 V,
it is expressed as 20.)
Product type
*3
A: ON/OFF pin positive logic, high active
B: ON/OFF pin negative logic, low active
*1. Refer to the taping specifications at the end of this book.
*2. Refer to the “Table 1” under the “2. Product name list”.
*3. Refer to “3. ON/OFF pin (Shutdown pin)” in the “ Operation”.


Similar Part No. - S-818A36AUC-BGQT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-818A36AUC-BGQT2X ABLIC-S-818A36AUC-BGQT2X Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results

Similar Description - S-818A36AUC-BGQT2G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com