Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-818A33AUC-BGNT2G Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-818A33AUC-BGNT2G
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-818A33AUC-BGNT2G Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-818A33AUC-BGNT2G Datasheet HTML 1Page - Seiko Instruments Inc S-818A33AUC-BGNT2G Datasheet HTML 2Page - Seiko Instruments Inc S-818A33AUC-BGNT2G Datasheet HTML 3Page - Seiko Instruments Inc S-818A33AUC-BGNT2G Datasheet HTML 4Page - Seiko Instruments Inc S-818A33AUC-BGNT2G Datasheet HTML 5Page - Seiko Instruments Inc S-818A33AUC-BGNT2G Datasheet HTML 6Page - Seiko Instruments Inc S-818A33AUC-BGNT2G Datasheet HTML 7Page - Seiko Instruments Inc S-818A33AUC-BGNT2G Datasheet HTML 8Page - Seiko Instruments Inc S-818A33AUC-BGNT2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 Series
Rev.2.1_00
Seiko Instruments Inc.
4
2. Product name list
Table 1
Output Voltage
SOT-23-5
SOT-89-5
2.0 V±2.0%
S-818A20AMC-BGAT2G
S-818A20AUC-BGAT2G
2.1 V±2.0%
S-818A21AMC-BGBT2G
S-818A21AUC-BGBT2G
2.2 V±2.0%
S-818A22AMC-BGCT2G
S-818A22AUC-BGCT2G
2.3 V±2.0%
S-818A23AMC-BGDT2G
S-818A23AUC-BGDT2G
2.4 V±2.0%
S-818A24AMC-BGET2G
S-818A24AUC-BGET2G
2.5 V±2.0%
S-818A25AMC-BGFT2G
S-818A25AUC-BGFT2G
2.6 V±2.0%
S-818A26AMC-BGGT2G
S-818A26AUC-BGGT2G
2.7 V±2.0%
S-818A27AMC-BGHT2G
S-818A27AUC-BGHT2G
2.8 V±2.0%
S-818A28AMC-BGIT2G
S-818A28AUC-BGIT2G
2.9 V±2.0%
S-818A29AMC-BGJT2G
S-818A29AUC-BGJT2G
3.0 V±2.0%
S-818A30AMC-BGKT2G
S-818A30AUC-BGKT2G
3.1 V±2.0%
S-818A31AMC-BGLT2G
S-818A31AUC-BGLT2G
3.2 V±2.0%
S-818A32AMC-BGMT2G
S-818A32AUC-BGMT2G
3.3 V±2.0%
S-818A33AMC-BGNT2G
S-818A33AUC-BGNT2G
3.4 V±2.0%
S-818A34AMC-BGOT2G
S-818A34AUC-BGOT2G
3.5 V±2.0%
S-818A35AMC-BGPT2G
S-818A35AUC-BGPT2G
3.6 V±2.0%
S-818A36AMC-BGQT2G
S-818A36AUC-BGQT2G
3.7 V±2.0%
S-818A37AMC-BGRT2G
S-818A37AUC-BGRT2G
3.8 V±2.0%
S-818A38AMC-BGST2G
S-818A38AUC-BGST2G
3.9 V±2.0%
S-818A39AMC-BGTT2G
S-818A39AUC-BGTT2G
4.0 V±2.0%
S-818A40AMC-BGUT2G
S-818A40AUC-BGUT2G
4.1 V±2.0%
S-818A41AMC-BGVT2G
S-818A41AUC-BGVT2G
4.2 V±2.0%
S-818A42AMC-BGWT2G
S-818A42AUC-BGWT2G
4.3 V±2.0%
S-818A43AMC-BGXT2G
S-818A43AUC-BGXT2G
4.4 V±2.0%
S-818A44AMC-BGYT2G
S-818A44AUC-BGYT2G
4.5 V±2.0%
S-818A45AMC-BGZT2G
S-818A45AUC-BGZT2G
4.6 V±2.0%
S-818A46AMC-BHAT2G
S-818A46AUC-BHAT2G
4.7 V±2.0%
S-818A47AMC-BHBT2G
S-818A47AUC-BHBT2G
4.8 V±2.0%
S-818A48AMC-BHCT2G
S-818A48AUC-BHCT2G
4.9 V±2.0%
S-818A49AMC-BHDT2G
S-818A49AUC-BHDT2G
5.0 V±2.0%
S-818A50AMC-BHET2G
S-818A50AUC-BHET2G
5.1 V±2.0%
S-818A51AMC-BHFT2G
S-818A51AUC-BHFT2G
5.2 V±2.0%
S-818A52AMC-BHGT2G
S-818A52AUC-BHGT2G
5.3 V±2.0%
S-818A53AMC-BHHT2G
S-818A53AUC-BHHT2G
5.4 V±2.0%
S-818A54AMC-BHIT2G
S-818A54AUC-BHIT2G
5.5 V±2.0%
S-818A55AMC-BHJT2G
S-818A55AUC-BHJT2G
5.6 V±2.0%
S-818A56AMC-BHKT2G
S-818A56AUC-BHKT2G
5.7 V±2.0%
S-818A57AMC-BHLT2G
S-818A57AUC-BHLT2G
5.8 V±2.0%
S-818A58AMC-BHMT2G
S-818A58AUC-BHMT2G
5.9 V±2.0%
S-818A59AMC-BHNT2G
S-818A59AUC-BHNT2G
6.0 V±2.0%
S-818A60AMC-BHOT2G
S-818A60AUC-BHOT2G
Remark Please contact our sales office for type B products.


Similar Part No. - S-818A33AUC-BGNT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-818A33AUC-BGNT2X ABLIC-S-818A33AUC-BGNT2X Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results

Similar Description - S-818A33AUC-BGNT2G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com