Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-814A57AMC-BDVT2G Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-814A57AMC-BDVT2G
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-814A57AMC-BDVT2G Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-814A57AMC-BDVT2G Datasheet HTML 6Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 7Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 8Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 9Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 10Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 11Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 12Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 13Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-814 Series
Rev.2.1_00
Seiko Instruments Inc.
10
Standard Circuit
VSS
VOUT
VIN
CIN
*1
CL
*2
INPUT
OUTPUT
GND
Single GND
*1. CIN is a capacitor used to stabilize input.
*2. In addition to a tantalum capacitor, a ceramic capacitor of 0.47
μF or more can be used in C
L.
Figure 10
Caution The above connection diagram and constant will not guarantees successful operation.
Perform through evaluation using the actual application to set the constant.
Technical Terms
1. Low dropout voltage regulator
The low dropout voltage regulator is a voltage regulator featuring a low dropout voltage characteristic due
to its internal low ON-resistance characteristic transistors.
2. Low ESR
ESR is the abbreviation for Equivalent Series Resistance. The low ESR output capacitor (CL) can be
used in the S-814 Series.
3. Output voltage (VOUT)
The accuracy of the output voltage is ensured at
±2.0 % under the specified conditions*1 of input voltage,
output current, and temperature, which differ depending upon the product items.
*1. The condition differs depending upon each product.
Caution If you change the above conditions, the output voltage value may vary out of the
accuracy range of the output voltage. Refer to the “
Electrical Characteristics” and “
Characteristics” for details.
4. Line regulation 1 (
ΔV
OUT1) and Line regulation 2 (ΔVOUT2)
Indicate the input voltage dependencies of output voltage. That is, the value shows how much the output
voltage changes due to a change in the input voltage with the output current remained unchanged.
5. Load regulation (
ΔV
OUT3)
Indicates the output current dependencies of output voltage. That is, the value shows how much the
output voltage changes due to a change in the output current with the input voltage remained unchanged.


Similar Part No. - S-814A57AMC-BDVT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8100 SII-S-8100 Datasheet
284Kb / 6P
   CMOS TEMPERATURE COMPENSATION IC
logo
Cooper Bussmann, Inc.
S-8100 COOPER-S-8100 Datasheet
129Kb / 2P
   1/4 x 11/4 Fuse Blocks
S-8100 COOPER-S-8100 Datasheet
69Kb / 2P
   1/4x1-1/4 Fuseblocks
S-8100 COOPER-S-8100 Datasheet
120Kb / 2P
   S-8000 Series
S-8100 COOPER-S-8100 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
More results

Similar Description - S-814A57AMC-BDVT2G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 SII-S-818_1 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com