Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-816A57AMC-BBGT2G Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-816A57AMC-BBGT2G
Description  EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-816A57AMC-BBGT2G Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-816A57AMC-BBGT2G Datasheet HTML 2Page - Seiko Instruments Inc S-816A57AMC-BBGT2G Datasheet HTML 3Page - Seiko Instruments Inc S-816A57AMC-BBGT2G Datasheet HTML 4Page - Seiko Instruments Inc S-816A57AMC-BBGT2G Datasheet HTML 5Page - Seiko Instruments Inc S-816A57AMC-BBGT2G Datasheet HTML 6Page - Seiko Instruments Inc S-816A57AMC-BBGT2G Datasheet HTML 7Page - Seiko Instruments Inc S-816A57AMC-BBGT2G Datasheet HTML 8Page - Seiko Instruments Inc S-816A57AMC-BBGT2G Datasheet HTML 9Page - Seiko Instruments Inc S-816A57AMC-BBGT2G Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
S-816 Series
Rev.5.1_00
6
Seiko Instruments Inc.
Electrical Characteristics
Table 4
(Ta
=25°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
circuit
Input Voltage
VIN
16
V
1
Output Voltage
VOUT
VIN
=VOUT +1 V, IOUT =50 mA,
VON/OFF
="H"
VOUT
×0.98
VOUT
VOUT
×1.02
V
1
Maximum Output Current (PNP
Output)
*1
1
A
1
Drop-Out Voltage
*1
∆Vdrop
IOUT
=100 mA
100
mV
1
Load Regulation (PNP Output)
*1
∆VOUT
VIN
=VOUT +1 V, 1 mA < IOUT < 1 A
60
mV
1
Line Regulation (PNP Output)
*1
IN
OUT
OUT
V
V
V
IOUT
=50 mA, VOUT +1 V < VIN < 16
V
−0.15
0.01
0.15
%/V
1
Output Voltage Temperature
Coefficient
Ta
VOUT
VIN
=VOUT +1 V, IOUT =50 mA,
VON/OFF
="H", Ta=−40 to 85°C
±0.15
mV/
°C 1
Current Consumption during
Operation
ISS
VIN
=VOUT +1 V, VON/OFF ="H"
30
40
µA
1
Current Consumption during
Shutdown
ISTB
VIN
=16 V, VON/OFF ="L"
1
µA
1
EXT Output Source Constant
Current
ISRC
VIN
=VOUT +1 V, VON/OFF ="H",
VEXT
=VOUT, VOUT =VOUT ×0.95
−10
µA
2
EXT Output Pull-Up Resistance
RUP
VIN
=16 V, VON/OFF ="L"
0.25
0.50
1.00
M
2
EXT Output Sink Current
ISINK
VIN
=VOUT +1 V, VON/OFF ="H",
VOUT
=VOUT ×0.95
10
mA
2
Leakage Current during EXT
Output Off
IOFF
VIN
=VEXT =VOUT +1 V, VOUT =0 V,
VON/OFF
="L"
0.1
µA
2
EXT Output Sink Overcurrent
Set Value
IMAX
VIN
=VEXT =7 V, VON/OFF ="H",
VOUT
=VOUT ×0.95
12
16
20
mA
2
Shutdown Pin Input Voltage
VSH
VIN
=VOUT +1 V, VOUT =0 V,
Check VEXT
="L"
2.4
V
3
VSL
VIN
=VOUT +1 V, VOUT =0 V,
Check VEXT
="H"
0.3
Shutdown Pin Input Current
ISH
VON/OFF
=VOUT +1 V
0.1
µA
2
ISL
VON/OFF
=0 V
−0.1
*1.
The characteristics vary with the associated external components.
The characteristics given above are those obtained when the IC is combined with a Toshiba Corporation 2SA1213-Y
for the PNP transistor and a 10
µF tantalum capacitor for the output capacitor (CL).


Similar Part No. - S-816A57AMC-BBGT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816A57AMC-BBGT2X ABLIC-S-816A57AMC-BBGT2X Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
More results

Similar Description - S-816A57AMC-BBGT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Motorola, Inc
MC78BC00 MOTOROLA-MC78BC00 Datasheet
98Kb / 8P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
logo
RICOH electronics devic...
RN5RG RICOH-RN5RG Datasheet
125Kb / 11P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
RN5RF RICOH-RN5RF Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
logo
Seiko Instruments Inc
S816 SII-S816 Datasheet
796Kb / 24P
   EXTERNAL TRANSISTOR TYPE
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B25A-V5T2U SII-S-19212B25A-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com