Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C46BD0I-I8T1G Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-93C46BD0I-I8T1G
Description  CMOS SERIAL E2PROM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C46BD0I-I8T1G Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-93C46BD0I-I8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-93C46BD0I-I8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-93C46BD0I-I8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-93C46BD0I-I8T1G Datasheet HTML 9Page - Seiko Instruments Inc S-93C46BD0I-I8T1G Datasheet HTML 10Page - Seiko Instruments Inc S-93C46BD0I-I8T1G Datasheet HTML 11Page - Seiko Instruments Inc S-93C46BD0I-I8T1G Datasheet HTML 12Page - Seiko Instruments Inc S-93C46BD0I-I8T1G Datasheet HTML 13Page - Seiko Instruments Inc S-93C46BD0I-I8T1G Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
CMOS SERIAL E2PROM
S-93C46B/56B/66B
Rev.4.3_00
Seiko Instruments Inc.
10
AC Electrical Characteristics
Table 16 Measurement Conditions
Input pulse voltage
0.1
× VCC to 0.9 × VCC
Output reference voltage
0.5
× VCC
Output load
100 pF
Table 17
−40 to +85°C
+85 to +105°C
VCC
= 4.5 to 5.5 V VCC = 2.5 to 4.5 V VCC = 1.8 to 2.5 V VCC = 4.5 to 5.5 V
Item
Symbol
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Unit
CS setup time
tCSS
0.2
0.4
1.0
0.2
µs
CS hold time
tCSH
0
0
0
0
µs
CS deselect time
tCDS
0.2
0.2
0.4
0.2
µs
Data setup time
tDS
0.1
0.2
0.4
0.1
µs
Data hold time
tDH
0.1
0.2
0.4
0.1
µs
Output delay time
tPD
0.4
0.8
2.0
0.6
µs
Clock frequency
*1
fSK
0
2.0
0
0.5
0
 0.25
0
1.0 MHz
SK clock time “L”
*1
tSKL
0.1
0.5
1.0
 0.25 
µs
SK clock time “H”
*1
tSKH
0.1
0.5
1.0
 0.25 
µs
Output disable time
tHZ1, tHZ2
0
 0.15
0
0.5
0
1.0
0
 0.15 µs
Output enable time
tSV
0
 0.15
0
0.5
0
1.0
0
 0.15 µs
*1. The clock cycle of the SK clock (frequency: fSK) is 1/fSK
µs. This clock cycle is determined by a combination
of several AC characteristics, so be aware that even if the SK clock cycle time is minimized, the clock cycle
(1/fSK) cannot be made equal to tSKL(Min.)
+ tSKH(Min.).
Table 18
−40 to +85°C
+85 to +105°C
VCC
= 2.7 to 5.5 V
VCC
= 4.5 to 5.5 V
Item
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Write time
tPR
4.0
8.0
4.0
8.0
ms


Similar Part No. - S-93C46BD0I-I8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46BD0I-I8T1G SII-S-93C46BD0I-I8T1G Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
More results

Similar Description - S-93C46BD0I-I8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com