Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-816A44AMC-BATT2G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-816A44AMC-BATT2G
Description  EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-816A44AMC-BATT2G Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-816A44AMC-BATT2G Datasheet HTML 4Page - Seiko Instruments Inc S-816A44AMC-BATT2G Datasheet HTML 5Page - Seiko Instruments Inc S-816A44AMC-BATT2G Datasheet HTML 6Page - Seiko Instruments Inc S-816A44AMC-BATT2G Datasheet HTML 7Page - Seiko Instruments Inc S-816A44AMC-BATT2G Datasheet HTML 8Page - Seiko Instruments Inc S-816A44AMC-BATT2G Datasheet HTML 9Page - Seiko Instruments Inc S-816A44AMC-BATT2G Datasheet HTML 10Page - Seiko Instruments Inc S-816A44AMC-BATT2G Datasheet HTML 11Page - Seiko Instruments Inc S-816A44AMC-BATT2G Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
S-816 Series
Rev.5.1_00
8
Seiko Instruments Inc.
Operation
1. Basic Operation
Figure 7 shows a block diagram of the S-816 Series.
The device compares the voltage which is obtained from dividing output voltage VOUT by feedback
resistances RA and RB with reference voltage VREF through the error amplifier, output of which controls the
sink driver. By regulating the base current of the external PNP transistor, the IC maintains a constant
output voltage that is not susceptible to an input voltage variation or temperature variation.
OUT
IN
CL
EXT
VOUT
VSS
OFF
ON/
VIN
VREF
Current Source
Overcurrent
Protection
Circuit
RB
RA
RC
Error
Amplifier
Sink
Driver
+
+
Figure 7
2. Internal Circuits
2.1. Shutdown Pin (
OFF
ON/
Pin)
This pin activates and deactivates the regulating operation.
When the shutdown pin is set to "L", the VIN voltage appears through the EXT pin, prodding the external
PNP transistor to off. All the internal circuits stop working, and substantial savings in current consumption
are achieved accordingly. In this condition, the EXT pin is pulled up to VIN by a pull-up resistance
(approx. 0.5 M
Ω) inside the IC in order to ensure you power cut off of the external PNP transistor.
The shutdown pin is configured as shown in Figure 8. Since neither pull-up or pull-down is performed
internally, please avoid using the pin in a floating state. Also, be sure to refrain from applying a voltage of
0.3 V to 2.4 V to this pin lest the current consumption increase. When this shutdown pin is not used,
leave it coupled to the VIN pin.
Table 5
Shutdown Pin
Internal Circuit
EXT Pin Voltage
VOUT Pin Voltage
"H"
Activated
VIN
−VBE
Set value
"L"
Deactivated
VIN
Hi-Z
VIN
VSS
OFF
ON/
Figure 8


Similar Part No. - S-816A44AMC-BATT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816A44AMC-BATT2X ABLIC-S-816A44AMC-BATT2X Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
More results

Similar Description - S-816A44AMC-BATT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Motorola, Inc
MC78BC00 MOTOROLA-MC78BC00 Datasheet
98Kb / 8P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
logo
RICOH electronics devic...
RN5RG RICOH-RN5RG Datasheet
125Kb / 11P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
RN5RF RICOH-RN5RF Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
logo
Seiko Instruments Inc
S816 SII-S816 Datasheet
796Kb / 24P
   EXTERNAL TRANSISTOR TYPE
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B25A-V5T2U SII-S-19212B25A-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com