Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-873022C Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-873022C
Description  HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-873022C Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-873022C Datasheet HTML 1Page - Seiko Instruments Inc S-873022C Datasheet HTML 2Page - Seiko Instruments Inc S-873022C Datasheet HTML 3Page - Seiko Instruments Inc S-873022C Datasheet HTML 4Page - Seiko Instruments Inc S-873022C Datasheet HTML 5Page - Seiko Instruments Inc S-873022C Datasheet HTML 6Page - Seiko Instruments Inc S-873022C Datasheet HTML 7Page - Seiko Instruments Inc S-873022C Datasheet HTML 8Page - Seiko Instruments Inc S-873022C Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Rev.7.2_00
HIGH WITHSTAND-VOLTAGE
VOLTAGE REGULATOR WITH RESET FUNCTION
S-87x Series
Seiko Instruments Inc.
1
The S-87x Series is a low-power high withstand-
voltage regulators with a reset function, which
integrates high-precision voltage detection and voltage
regulation circuits on a single chip.
The S-87x Series has lineups for lithium-ion battery
packs.
Features
• Accuracy of output voltage:
±2.4 %
2.5 V to 5.8 V (0.1 V step)
• Accuracy of detection voltage:
±2.4 % (For the F type, the release voltage is ±1.1 %)
2.1 V to 11.3 V (0.1 V step)
• Low I/O voltage difference:
0.15 V typ. (at IOUT=30 mA, VOUT=5.0 V)
0.45 V typ. (at IOUT=30 mA, VOUT=3.0 V)
• Low current consumption:
At Operation mode: 8
μA max.
At Shutdown mode: 3.5
μA max. (Available for the C/E/G type)
• Wide operating voltage range:
24 V max.
• Wide operating temperature range:
−40°C to +85°C
• Built-in delay circuit or shutdown circuit
• Built-in short-circuit protection circuit
• Small package:
SOT-89-5
• Lead-free products
Applications
• Constant voltage power supply or reset circuit of battery-powered equipment, VTR, camera,
communications equipment and others.
• Lithium-ion secondary battery pack
Package
Package Name
Drawing Code
Package
Tape
Reel
SOT-89-5
UP005-A
UP005-A
UP005-A


Similar Part No. - S-873022C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-873022CUP-ACA-T2 SII-S-873022CUP-ACA-T2 Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-873022CUP-ACB-T2 SII-S-873022CUP-ACB-T2 Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-873022CUP-ACC-T2 SII-S-873022CUP-ACC-T2 Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-873022CUP-ACD-T2 SII-S-873022CUP-ACD-T2 Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-873022CUP-ACE-T2 SII-S-873022CUP-ACE-T2 Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
More results

Similar Description - S-873022C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-87X ABLIC-S-87X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
   CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Sanyo Semicon Device
L88R05 SANYO-L88R05 Datasheet
122Kb / 6P
   5V, 1A Voltage-regulator ICs with Reset Function
logo
Shanghai Leiditech Elec...
ASM6050 LEIDITECH-ASM6050 Datasheet
1Mb / 10P
   The ASM6050 is a voltage regulator with high withstand voltage
Rev 12.20.2021
logo
Sanyo Semicon Device
L78LR05 SANYO-L78LR05 Datasheet
166Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
L78LR05 SANYO-L78LR05_09 Datasheet
181Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com