Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-882Z Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S-882Z
Description  ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-882Z Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S-882Z Datasheet HTML 13Page - Seiko Instruments Inc S-882Z Datasheet HTML 14Page - Seiko Instruments Inc S-882Z Datasheet HTML 15Page - Seiko Instruments Inc S-882Z Datasheet HTML 16Page - Seiko Instruments Inc S-882Z Datasheet HTML 17Page - Seiko Instruments Inc S-882Z Datasheet HTML 18Page - Seiko Instruments Inc S-882Z Datasheet HTML 19Page - Seiko Instruments Inc S-882Z Datasheet HTML 20Page - Seiko Instruments Inc S-882Z Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
Rev.1.2_00
S-882Z Series
Seiko Instruments Inc.
17
7. Current Consumption During Operation (ISS) vs. Input Voltage (VIN)
2.0
0.0
0.0
1.0
0.5
1.5
0.5
1.0
1.5
2.0
VIN [V]
Ta = -40°C
Ta = 25°C
Ta = 85°C
8. Current Consumption During Shutdown (ISSS) vs. Input Voltage (VIN)
0.4
0.0
0.0
0.2
0.1
0.3
0.5
1.0
1.5
2.0
VIN [V]
Ta = -40°C
Ta = 25°C
Ta = 85°C
VCPOUT1(S) = 1.8 V
VVM = 2.0 V
0.4
0.0
0.0
0.2
0.1
0.3
0.5
1.0
1.5
2.0
2.5
3.0
VIN [V]
Ta = -40°C
Ta = 25°C
Ta = 85°C
VCPOUT1(S) = 1.8 V, 2.0 V, 2.2 V, 2.4 V
VVM = 3.0 V
9. Shutdown Voltage (VOFF) vs. Input Voltage (VIN)
Ta = 25°C
3.0
0.0
0.0
1.0
0.5
1.5
2.0
2.5
0.5
1.0
1.5
2.0
VIN [V]
VOFF(S) = 2.5 V
VOFF(S) = 1.9 V
10. Shutdown Voltage (VOFF) vs. Temperature (Ta)
3.0
1.0
1.5
2.0
2.5
-40 -20
0
20
40
60
80
Ta [°C]
VOFF(S) = 2.5 V
VOFF(S) = 1.9 V


Similar Part No. - S-882Z

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8821 SII-S-8821 Datasheet
199Kb / 19P
   VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125AMH-M2ATFG SII-S-882125AMH-M2ATFG Datasheet
199Kb / 19P
   VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
   VOLTAGE REGULATION
S-882125AMH-M2ATFz SII-S-882125AMH-M2ATFz Datasheet
1Mb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
More results

Similar Description - S-882Z

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8880A SII-S8880A Datasheet
2Mb / 30P
   ENERGY HARVESTING POWERED BY ULTRA-LOW POWER AND ULTRA-LOW VOLTAGE OPERATION BOOST CHARGE PUMP FOR STEP-UP DC-DC CONVERTER STARTUP
S-8821 SII-S-8821 Datasheet
199Kb / 19P
   VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
   Low Voltage Operation STEP-UP DC/DC Converter
logo
Mitsubishi Electric Sem...
M62216FP MITSUBISHI-M62216FP Datasheet
72Kb / 8P
   Low Voltage Operation STEP-UP DC-DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Linear Technology
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com