Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BADC-AFHA Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # BADC-AFHA
Description  This precision optical performance oval LED is specifically designed for passenger information signs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

BADC-AFHA Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  BADC-AFHA Datasheet HTML 1Page - Everlight Electronics Co., Ltd BADC-AFHA Datasheet HTML 2Page - Everlight Electronics Co., Ltd BADC-AFHA Datasheet HTML 3Page - Everlight Electronics Co., Ltd BADC-AFHA Datasheet HTML 4Page - Everlight Electronics Co., Ltd BADC-AFHA Datasheet HTML 5Page - Everlight Electronics Co., Ltd BADC-AFHA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data Sheet
5484/BADC-AFHA/X/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 3 of 6
Device Number : DLE-548-024
Prepared date:06-28-2006
Prepared by: Grace Shen
Absolute Maximum Rating (Ta=25℃)
Parameter
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
30
mA
Pulse Forward Current
(Duty1/10@ 1KHz)
IFP
100
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Soldering Temperature
Tsol
260 ±5
Power Dissipation
Pd
100
mW
Reverse Voltage
VR
5
V
Notes: Soldering time≦5 seconds.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
IV
450
715
900
mcd
Viewing Angle
1/2
--
X:100Y:40
--
deg
Peak Wavelength
λp
--
468
--
Dominant Wavelength
λd
465
470
475
Spectrum Half width
Δλ
--
26
--
nm
Forward Voltage
VF
2.8
3.4
3.6
V
IF=20mA
Reverse Current
IR
--
--
50
μA
VR=5V
Rank Combination (IF=20mA)
Rank
F
G
H
Luminous Intensity
450~565
565~715
715~900
*Measurement Uncertainty of Luminous Intensity: ±15%
Unit:mcd
Rank
0
1
2
3
Forward Voltage
2.8~3.0
3.0~3.2
3.2~3.4
3.4~3.6
*Measurement Uncertainty of Forward Voltage: ±0.1V
Unit:V
Rank
1
2
Dominant Wavelength
465~470
470~475
*Measurement Uncertainty of
Dominant Wavelength ±1.0nm
Unit:nm
*The quantity ratio of the ranks is decided by EVERLIGHT.


Similar Part No. - BADC-AFHA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BADC-AFGA EVERLIGHT-BADC-AFGA Datasheet
118Kb / 10P
   performance oval LED
More results

Similar Description - BADC-AFHA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
6374Y5DAAKMBXMS EVERLIGHT-6374Y5DAAKMBXMS Datasheet
95Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474Y3DBAGKBXMS EVERLIGHT-3474Y3DBAGKBXMS Datasheet
95Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
5484Y3DCAHLCXMS EVERLIGHT-5484Y3DCAHLCXMS Datasheet
100Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
6364G1DAANQAXMS EVERLIGHT-6364G1DAANQAXMS Datasheet
111Kb / 7P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474R3DBAHKBXMS EVERLIGHT-3474R3DBAHKBXMS Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
5484GADCAMPAXMS EVERLIGHT-5484GADCAMPAXMS Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474R3DBAGKBXMS EVERLIGHT-3474R3DBAGKBXMS Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
5484Y5DCAJLBXMS EVERLIGHT-5484Y5DCAJLBXMS Datasheet
99Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474B1DBAFHAXMS EVERLIGHT-3474B1DBAFHAXMS Datasheet
111Kb / 7P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474G1DBALNAXMS EVERLIGHT-3474G1DBALNAXMS Datasheet
111Kb / 7P
   This precision optical performance oval LED is specifically designed for passenger information signs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com