Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93L76AD0I-T8T1G Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-93L76AD0I-T8T1G
Description  LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93L76AD0I-T8T1G Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-93L76AD0I-T8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-93L76AD0I-T8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-93L76AD0I-T8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-93L76AD0I-T8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-93L76AD0I-T8T1G Datasheet HTML 9Page - Seiko Instruments Inc S-93L76AD0I-T8T1G Datasheet HTML 10Page - Seiko Instruments Inc S-93L76AD0I-T8T1G Datasheet HTML 11Page - Seiko Instruments Inc S-93L76AD0I-T8T1G Datasheet HTML 12Page - Seiko Instruments Inc S-93L76AD0I-T8T1G Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
Rev.2.2_00
S-93L76A
Seiko Instruments Inc.
9
2. Writing (WRITE, ERASE, WRAL, ERAL)
Write instructions (WRITE, ERASE, WRAL, and ERAL) are used to start writing data to the non-volatile
memory by making CS “L” after the specified number of clocks has been input.
The write operation is completed within the write time tPR (10 ms) no matter which write instruction is
used. The typical write time is less than half 10 ms. If the end of the write operation is known,
therefore, the write cycle can be minimized. To ascertain the end of a write operation, make CS “L” to
start the write operation and then make CS “H” again to check the status of the DO output pin. This
series of operations is called a verify operation.
If DO outputs “L” during the verify operation period in which CS is “H”, it indicates that a write operation
is in progress. If DO outputs “H”, it indicates that the write operation is finished. The verify operation
can be executed as many times as required. This operation can be executed in two ways. One is
detecting the positive transition of DO output from “L” to “H” while holding CS at “H”. The other is
detecting the positive transition of DO output from “L” to “H” by making CS “H” once and checking DO
output, and then returning CS to “L”.
During the write period, SK and DI are invalid. Do not input any instructions during this period. Input an
instruction while the DO pin is outputting “H” or is in a high-impedance state. Even while the DO pin is
outputing “H”, DO immediately goes into a high-impedance (Hi-Z) state if “H” of DI (start bit) is input at
the rising edge of SK.
Keep DI “L” during the verify operation period.
2.1 Writing data (WRITE)
This instruction is used to write 16-bit data to a specified address.
After making CS “H”, input a start bit, the WRITE instruction, an address, and 16-bit data. If data of
more than 16 bits is input, the written data is sequentially shifted at each clock, and the 16 bits input
last are the valid data. The write operation is started when CS is made “L”. It is not necessary to
set data to “1” before it is written.
DO
<1>
2
3
4
5
6
7
8
9
10 11
12 13 14
29
0
1
X
A8 A7 A6 A5 A4 A3 A2 A1 A0 D15
D0
DI
SK
CS
Hi-Z
tCDS
tSV
tPR
Busy
Ready
Standby
Hi-Z
tHZ1
Verify
1
Figure 7 Data Write Timing


Similar Part No. - S-93L76AD0I-T8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93L76AD0I-K8T3U SII-S-93L76AD0I-K8T3U Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
More results

Similar Description - S-93L76AD0I-T8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93L46A SII-S-93L46A Datasheet
598Kb / 48P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S93L76A SII-S93L76A Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-25A080A SII-S-25A080A Datasheet
362Kb / 31P
   125째C OPERATION SPI SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com