Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C86BD4I-T8T1G Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-93C86BD4I-T8T1G
Description  CMOS SERIAL E2PROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C86BD4I-T8T1G Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-93C86BD4I-T8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 9Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 10Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 11Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 12Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
CMOS SERIAL E2PROM
Rev.2.2_00
S-93C86B
Seiko Instruments Inc.
9
Operation
All instructions are executed by inputting DI in synchronization with the rising edge of SK after CS goes
high. An instruction set is input in the order of start bit, instruction, address, and data.
Instruction input finishes when CS goes low. A low level must be input to CS between commands during
tCDS. While a low level is being input to CS, the S-93C86B is in standby mode, so the SK and DI inputs are
invalid and no instructions are allowed.
Start Bit
A start bit is recognized when the DI pin goes high at the rise of SK after CS goes high. After CS goes high,
a start bit is not recognized even if the SK pulse is input as long as the DI pin is low.
1. Dummy clock
SK clocks input while the DI pin is low before a start bit is input are called dummy clocks. Dummy
clocks are effective when aligning the number of instruction sets (clocks) sent by the CPU with those
required for serial memory operation. For example, when a CPU instruction set is 16 bits, the number
of instruction set clocks can be adjusted by inserting a 3-bit dummy clock for the S-93C86B.
2. Start bit input failure
• When the output status of the DO pin is high during the verify period after a write operation, if a high
level is input to the DI pin at the rising edge of SK, the S-93C86B recognizes that a start bit has been
input. To prevent this failure, input a low level to the DI pin during the verify operation period (refer to
“4.1 Verify operation”).
• When a 3-wire interface is configured by connecting the DI input pin and DO output pin, a period in
which the data output from the CPU and the serial memory collide may be generated, preventing
successful input of the start bit. Take the measures described in “
3-Wire Interface (Direct
Connection between DI and DO)”.


Similar Part No. - S-93C86BD4I-T8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C86C SII-S-93C86C Datasheet
2Mb / 39P
   3-WIRE SERIAL E2PROM
S-93C86C SII-S-93C86C Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C86C ABLIC-S-93C86C Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
logo
Seiko Instruments Inc
S-93C86CD0H-A8T1U3 SII-S-93C86CD0H-A8T1U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
S-93C86CD0H-A8T1U3 SII-S-93C86CD0H-A8T1U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results

Similar Description - S-93C86BD4I-T8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com