Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C56BD0I-D8S1G Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-93C56BD0I-D8S1G
Description  CMOS SERIAL E2PROM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C56BD0I-D8S1G Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-93C56BD0I-D8S1G Datasheet HTML 5Page - Seiko Instruments Inc S-93C56BD0I-D8S1G Datasheet HTML 6Page - Seiko Instruments Inc S-93C56BD0I-D8S1G Datasheet HTML 7Page - Seiko Instruments Inc S-93C56BD0I-D8S1G Datasheet HTML 8Page - Seiko Instruments Inc S-93C56BD0I-D8S1G Datasheet HTML 9Page - Seiko Instruments Inc S-93C56BD0I-D8S1G Datasheet HTML 10Page - Seiko Instruments Inc S-93C56BD0I-D8S1G Datasheet HTML 11Page - Seiko Instruments Inc S-93C56BD0I-D8S1G Datasheet HTML 12Page - Seiko Instruments Inc S-93C56BD0I-D8S1G Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
CMOS SERIAL E2PROM
Rev.4.3_00
S-93C46B/56B/66B
Seiko Instruments Inc.
9
DC Electrical Characteristics
Table 13
−40 to +85°C
+85 to +105°C
VCC
= 4.5 to 5.5 V VCC = 2.5 to 4.5 V VCC = 1.8 to 2.5 V VCC = 4.5 to 5.5 V
Item
Symbol Conditions
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Unit
Current
consumption
(READ)
ICC1
DO no load
0.8
0.5
0.4
0.8
mA
Table 14
−40 to +85°C
+85 to +105°C
VCC
= 4.5 to 5.5 V
VCC
= 2.7 to 4.5 V
VCC
= 4.5 to 5.5 V
Item
Symbol Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Current consumption
(WRITE)
ICC2
DO no load
2.0
1.5
2.0
mA
Table 15
−40 to +85°C
+85 to +105°C
VCC
= 4.5 to 5.5 V VCC = 2.5 to 4.5 V VCC = 1.8 to 2.5 V VCC = 4.5 to 5.5 V
Item
Symbol
Conditions
Min. Typ. Max. Min.
Typ. Max.
Min. Typ. Max. Min. Typ. Max.
Unit
Standby current
consumption
ISB
CS
= GND, DO = Open,
Other inputs to
VCC or GND
 1.5
 1.5
 1.5
 1.5 µA
Input leakage
current
ILI
VIN
= GND to VCC
0.1 1.0
0.1 1.0
0.1 1.0
0.1 1.0 µA
Output leakage
current
ILO
VOUT
= GND to VCC
0.1 1.0
0.1 1.0
0.1 1.0
0.1 1.0 µA
IOL
= 2.1 mA
 0.4
 
 0.4
V
Low level output
voltage
VOL
IOL
= 100 µA
 0.1
 0.1
 0.1
 0.1
V
IOH
= −400 µA
2.4
 
 
2.4
 
V
IOH
= −100 µA
VCC
− 0.3   VCC− 0.3 
  VCC− 0.3  
V
High level output
voltage
VOH
IOH
= −10 µA
VCC
− 0.2   VCC− 0.2 
 VCC− 0.2   VCC− 0.2  
V
Write enable latch
data hold voltage VDH
Only when write
disable mode
1.5
 
1.5
1.5
 
1.5
 
V


Similar Part No. - S-93C56BD0I-D8S1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C56BD0I-I8T1G SII-S-93C56BD0I-I8T1G Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
S-93C56BD0I-I8T1U SII-S-93C56BD0I-I8T1U Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
logo
List of Unclassifed Man...
S-93C56BD0I-J8 ETC1-S-93C56BD0I-J8 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
logo
Seiko Instruments Inc
S-93C56BD0I-J8T1G SII-S-93C56BD0I-J8T1G Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
S-93C56BD0I-J8T1U SII-S-93C56BD0I-J8T1U Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
More results

Similar Description - S-93C56BD0I-D8S1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com