Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93A46AD0A-J8T2GB Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-93A46AD0A-J8T2GB
Description  CMOS SERIAL E2PROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93A46AD0A-J8T2GB Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-93A46AD0A-J8T2GB Datasheet HTML 2Page - Seiko Instruments Inc S-93A46AD0A-J8T2GB Datasheet HTML 3Page - Seiko Instruments Inc S-93A46AD0A-J8T2GB Datasheet HTML 4Page - Seiko Instruments Inc S-93A46AD0A-J8T2GB Datasheet HTML 5Page - Seiko Instruments Inc S-93A46AD0A-J8T2GB Datasheet HTML 6Page - Seiko Instruments Inc S-93A46AD0A-J8T2GB Datasheet HTML 7Page - Seiko Instruments Inc S-93A46AD0A-J8T2GB Datasheet HTML 8Page - Seiko Instruments Inc S-93A46AD0A-J8T2GB Datasheet HTML 9Page - Seiko Instruments Inc S-93A46AD0A-J8T2GB Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CMOS SERIAL E2PROM
S-93A46A/56A/66A
Rev.2.1_00
Seiko Instruments Inc.
6
Endurance
Table 8
Item
Symbol
Operating
temperature
Min.
Typ.
Max.
Unit
Endurance
NW
−40 to +125°C 1.5 × 10
5
cycles/word*
1
*1.
For each address (Word: 16 bits)
DC Electrical Characteristics
Table 9
Item
Symbol
Condition
VCC
= 4.5 to 5.5 V
VCC
= 2.7 to 4.5 V
Unit
Min.
Typ. Max. Min.
Typ. Max.
Current consumption
(READ)
ICC1
DO no load
1.0
0.6
mA
Table 10
Item
Symbol
Condition
VCC
= 4.5 to 5.5 V
VCC
= 2.7 to 4.5 V
Unit
Min.
Typ. Max. Min.
Typ. Max.
Current consumption
(WRITE)
ICC2
DO no load
2.0
1.5
mA
Table 11
Item
Symbol
Condition
VCC
= 4.5 to 5.5 V
VCC
= 2.7 to 4.5 V
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Standby current
consumption
ISB
CS
= GND, DO = Open,
Other inputs to VCC or GND
3.0
3.0
µA
Input leakage
current
ILI
VIN
= GND to VCC
0.1
2.0
0.1
2.0
µA
Output leakage
current
ILO
VOUT
= GND to VCC
0.1
2.0
0.1
2.0
µA
IOL
= 2.1 mA
0.6
V
Low level output
voltage
VOL
IOL
= 100 µA
0.2
0.2
V
VOH
IOH
= −400 µA
2.4
V
High level output
voltage
IOH
= −100 µA
VCC
− 0.3
VCC
− 0.3
V
IOH
= −10 µA
VCC
− 0.2
VCC
− 0.2
V
Write enable
latch data hold
voltage
VDH
Only when write disable
mode
1.5
1.5
V


Similar Part No. - S-93A46AD0A-J8T2GB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A46B ABLIC-S-93A46B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S-93A46BD0A-A8T1U3 SII-S-93A46BD0A-A8T1U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
S-93A46BD0A-A8T1U3 SII-S-93A46BD0A-A8T1U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A46BD0A-A8T1U3 ABLIC-S-93A46BD0A-A8T1U3 Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
More results

Similar Description - S-93A46AD0A-J8T2GB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com