Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93A66A Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-93A66A
Description  CMOS SERIAL E2PROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93A66A Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-93A66A Datasheet HTML 7Page - Seiko Instruments Inc S-93A66A Datasheet HTML 8Page - Seiko Instruments Inc S-93A66A Datasheet HTML 9Page - Seiko Instruments Inc S-93A66A Datasheet HTML 10Page - Seiko Instruments Inc S-93A66A Datasheet HTML 11Page - Seiko Instruments Inc S-93A66A Datasheet HTML 12Page - Seiko Instruments Inc S-93A66A Datasheet HTML 13Page - Seiko Instruments Inc S-93A66A Datasheet HTML 14Page - Seiko Instruments Inc S-93A66A Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CMOS SERIAL E2PROM
Rev.2.1_00
S-93A46A/56A/66A
Seiko Instruments Inc.
11
4. Writing (WRITE, ERASE, WRAL, ERAL)
A write operation includes four write instructions: data write (WRITE), data erase (ERASE), chip write
(WRAL), and chip erase (ERAL).
A write instruction (WRITE, ERASE, WRAL, ERAL) starts a write operation to the memory cell when a
low level is input to CS after a specified number of clocks have been input. The SK and DI inputs are
invalid during the write period, so do not input an instruction.
Input an instruction while the output status of the DO pin is high or high impedance (Hi-Z).
A write operation is valid only in program enable mode (refer to “5. Write Enable (EWEN) and Write
Disable (EWDS)
”).
4.1 Verify Operation
A write operation executed by any instruction is completed within 8 ms (write time tPR: typically 4 ms),
so if the completion of the write operation is recognized, the write cycle can be minimized. A
sequential operation to confirm the status of a write operation is called a verify operation.
(1) Operation
After the write operation has started (CS
= low), the status of the write operation can be verified by
confirming the output status of the DO pin by inputting a high level to CS again. This sequence is
called a verify operation, and the period that a high level is input to the CS pin after the write
operation has started is called the verify operation period.
The relationship between the output status of the DO pin and the write operation during the verify
operation period is as follows.
• DO pin = low: Writing in progress (busy)
• DO pin = high:Writing completed (ready)
(2) Operation Example
There are two methods to perform a verify operation: Waiting for a change in the output status of
the DO pin while keeping CS high, or suspending the verify operation (CS
= low) once and then
performing it again to verify the output status of the DO pin. The latter method allows the CPU to
perform other processing during the wait period, allowing an efficient system to be designed.
Caution 1. Input a low level to the DI pin during a verify operation.
2. If a high level is input to the DI pin at the rise of SK when the output status of the
DO pin is high, the S-93A66A latches the instruction assuming that a start bit has
been input. In this case, note that the DO pin immediately enters a high-impedance
(Hi-Z) state.


Similar Part No. - S-93A66A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A66B SII-S-93A66B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A66B ABLIC-S-93A66B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S-93A66BD0A-A8T1U3 SII-S-93A66BD0A-A8T1U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
S-93A66BD0A-A8T1U3 SII-S-93A66BD0A-A8T1U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A66BD0A-A8T1U3 ABLIC-S-93A66BD0A-A8T1U3 Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
More results

Similar Description - S-93A66A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com