Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH32245EC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVTH32245EC
Description  3.3 V 32-bit bus transceiver; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH32245EC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVTH32245EC Datasheet HTML 5Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 6Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 7Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 8Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 9Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 10Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 11Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 12Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74LVTH32245_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 January 2008
10 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
12. Package outline
Fig 8.
Package outline SOT536-1 (LFBGA96)
0.8
A1
b
A2
UNIT
D
y
e
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
00-03-04
03-02-05
IEC
JEDEC
JEITA
mm
1.5
0.41
0.31
1.2
0.9
5.6
5.4
y1
13.6
13.4
0.51
0.41
0.1
0.2
e1
4
e2
12
DIMENSIONS (mm are the original dimensions)
SOT536-1
E
0.15
v
0.1
w
0
5
10 mm
scale
SOT536-1
LFBGA96: plastic low profile fine-pitch ball grid array package; 96 balls; body 13.5 x 5.5 x 1.05 mm
A
max.
A
A2
A1
detail X
e
e
X
D
E
A
B
C
D
E
F
H
G
J
K
L
M
P
N
R
T
246
135
B
A
e2
e1
ball A1
index area
ball A1
index area
y
y1 C
b
C
A
C
C
B
v M
w M
1/2
e
1/2
e


Similar Part No. - 74LVTH32245EC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH32245 FAIRCHILD-74LVTH32245 Datasheet
66Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs
74LVTH32245G FAIRCHILD-74LVTH32245G Datasheet
66Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74LVTH32245 PHILIPS-74LVTH32245_15 Datasheet
100Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
More results

Similar Description - 74LVTH32245EC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH32245 PHILIPS-74LVTH32245_15 Datasheet
100Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16500A PHILIPS-74LVT16500A_15 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
74LVT16500A PHILIPS-74LVT16500A_06 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500A NEXPERIA-74LVT16500A Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVTH322245 NXP-74LVTH322245 Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com