Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-873021BUP-AEET2G Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-873021BUP-AEET2G
Description  HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-873021BUP-AEET2G Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-873021BUP-AEET2G Datasheet HTML 2Page - Seiko Instruments Inc S-873021BUP-AEET2G Datasheet HTML 3Page - Seiko Instruments Inc S-873021BUP-AEET2G Datasheet HTML 4Page - Seiko Instruments Inc S-873021BUP-AEET2G Datasheet HTML 5Page - Seiko Instruments Inc S-873021BUP-AEET2G Datasheet HTML 6Page - Seiko Instruments Inc S-873021BUP-AEET2G Datasheet HTML 7Page - Seiko Instruments Inc S-873021BUP-AEET2G Datasheet HTML 8Page - Seiko Instruments Inc S-873021BUP-AEET2G Datasheet HTML 9Page - Seiko Instruments Inc S-873021BUP-AEET2G Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-87x Series
Rev.7.2_00
Seiko Instruments Inc.
6
3. Product name list
Table 2 (1/2)
VR output
voltage [V]
VD detection
voltage [V]
S-87xxxxA Series
S-87xxxxB Series
S-87xxxxC Series
5.6
3.5
S-875635BUP-AGAT2G
5.2
9.4
S-875294CUP-AHCT2G
7.1
S-875271CUP-AHAT2G
5.5
S-875255CUP-AHBT2G
5.0
11.0
S-8750B0CUP-ACGT2G
7.7
S-875077AUP-AAFT2G
S-875077CUP-ACFT2G
6.1
S-875061CUP-ACHT2G
4.5
S-875045AUP-AAAT2G S-875045BUP-ABAT2G
S-875045CUP-ACAT2G
4.3
S-875043AUP-AABT2G S-875043BUP-ABBT2G
S-875043CUP-ACBT2G
4.1
S-875041AUP-AACT2G S-875041BUP-ABCT2G S-875041CUP-ACCT2G
3.9
S-875039AUP-AADT2G S-875039BUP-ABDT2G S-875039CUP-ACDT2G
3.7
S-875037AUP-AAET2G S-875037BUP-ABET2G
S-875037CUP-ACET2G
3.4
S-875034BUP-ABFT2G
2.9
S-875029BUP-ABHT2G
2.1
S-875021BUP-ABGT2G
3.3
7.7
S-873377AUP-0AAT2G
6.1
S-873361CUP-AOHT2G
4.1
S-873341CUP-AOCT2G
2.8
S-873328AUP-0ABT2G
2.5
S-873325BUP-ALAT2G
3.0
6.9
S-873069CUP-AFFT2G
5.9
S-873059CUP-AFGT2G
2.5
S-873025AUP-ADAT2G S-873025BUP-AEAT2G
S-873025CUP-AFAT2G
2.4
S-873024AUP-ADBT2G S-873024BUP-AEBT2G
S-873024CUP-AFBT2G
2.3
S-873023AUP-ADCT2G S-873023BUP-AECT2G
S-873023CUP-AFCT2G
2.2
S-873022AUP-ADDT2G S-873022BUP-AEDT2G
S-873022CUP-AFDT2G
2.1
S-873021AUP-ADET2G S-873021BUP-AEET2G
S-873021CUP-AFET2G
2.6
2.2
S-872622BUP-OLAT2G


Similar Part No. - S-873021BUP-AEET2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-873021BUP-AEET2X ABLIC-S-873021BUP-AEET2X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
More results

Similar Description - S-873021BUP-AEET2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-87X ABLIC-S-87X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
   CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Sanyo Semicon Device
L88R05 SANYO-L88R05 Datasheet
122Kb / 6P
   5V, 1A Voltage-regulator ICs with Reset Function
logo
Shanghai Leiditech Elec...
ASM6050 LEIDITECH-ASM6050 Datasheet
1Mb / 10P
   The ASM6050 is a voltage regulator with high withstand voltage
Rev 12.20.2021
logo
Sanyo Semicon Device
L78LR05 SANYO-L78LR05 Datasheet
166Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
L78LR05 SANYO-L78LR05_09 Datasheet
181Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com