Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-25C010A Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-25C010A
Description  CMOS SPI SERIAL E2PROM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-25C010A Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-25C010A Datasheet HTML 5Page - Seiko Instruments Inc S-25C010A Datasheet HTML 6Page - Seiko Instruments Inc S-25C010A Datasheet HTML 7Page - Seiko Instruments Inc S-25C010A Datasheet HTML 8Page - Seiko Instruments Inc S-25C010A Datasheet HTML 9Page - Seiko Instruments Inc S-25C010A Datasheet HTML 10Page - Seiko Instruments Inc S-25C010A Datasheet HTML 11Page - Seiko Instruments Inc S-25C010A Datasheet HTML 12Page - Seiko Instruments Inc S-25C010A Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
CMOS SPI SERIAL E2PROM
Rev.1.0_00
S-25C010A/020A/040A
Seiko Instruments Inc.
9
Pin Functions
1. CS (Chip select input ) Pin
This is an input pin to set a chip in the select status. In the “H” input level, the device is in the non-select status and its
output is high impedance. The device is in standby as long as it is not in Write inside. The device goes in active by
setting the chip select to “L”. Input any instruction code after power-on and a falling of chip select.
2. SI (Serial data input ) pin
This pin is to input serial data. This pin receives an instruction code, an address and Write data. This pin latches data at
rising edge of serial clock.
3. SO (Serial data output ) pin
This pin is to output serial data. The data output changes at falling edge of serial clock.
4. SCK (Serial clock input ) pin
This is a clock input pin to set the timing of serial data. An instruction code, an address and Write data are received at a
rising edge of clock. Data is output at falling edge of clock.
5. WP (Write protect input ) pin
This is an input pin to protect memory data when Write instruction (WRITE, WRSR) is being input. By setting this pin to
“L”, the WEL bit in the status register is set to “L”. Therefore S-25C010A/020A/040A does not Write to the E
2PROM,
however, it accepts other instructions. Fix this pin “H” or “L” not to set it in the floating state.
Refer to “ Protect Operation” for details.
6.
HOLD (HOLD input ) pin
This pin is used to pause serial communications without setting the device in the non-select status.
In the hold status, the serial output goes in high impedance, the serial input and the serial clock go in “Don’t care”.
During the hold operation, be sure to set the device in active by setting the chip select ( CS pin) to “L”.
Refer to “ Hold Operation” for details.


Similar Part No. - S-25C010A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-25C010A ABLIC-S-25C010A Datasheet
703Kb / 48P
   SPI SERIAL E2PROM
Rev.4.3_02_C
logo
Seiko Instruments Inc
S-25C010A-H SII-S-25C010A-H Datasheet
1Mb / 33P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C010A0H-J8T2UD SII-S-25C010A0H-J8T2UD Datasheet
1Mb / 33P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C010A0H-T8T2UD SII-S-25C010A0H-T8T2UD Datasheet
1Mb / 33P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
logo
ABLIC Inc.
S-25C010AH ABLIC-S-25C010AH Datasheet
512Kb / 36P
   105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.3.0_01_C
More results

Similar Description - S-25C010A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
logo
ABLIC Inc.
S-25C128A ABLIC-S-25C128A Datasheet
448Kb / 31P
   SPI SERIAL E2PROM
Rev.4.2_03_H
S-25C010A ABLIC-S-25C010A Datasheet
703Kb / 48P
   SPI SERIAL E2PROM
Rev.4.3_02_C
S-25C256A ABLIC-S-25C256A Datasheet
449Kb / 31P
   SPI SERIAL E2PROM
Rev.2.2_03_S
S-25C080A ABLIC-S-25C080A Datasheet
689Kb / 46P
   SPI SERIAL E2PROM
Rev.6.0_00_C
S-25CM01A ABLIC-S-25CM01A Datasheet
397Kb / 28P
   SPI SERIAL E2PROM
Rev.2.2_03_S
S-25C320A ABLIC-S-25C320A Datasheet
588Kb / 39P
   SPI SERIAL E2PROM
Rev.4.2_03_H
S-25C160A ABLIC-S-25C160A Datasheet
512Kb / 39P
   SPI SERIAL E2PROM
Rev.4.2_03_H
logo
Xicor Inc.
X25C02 XICOR-X25C02 Datasheet
60Kb / 14P
   SPI Serial E2PROM
logo
Seiko Instruments Inc
S25C256A SII-S25C256A Datasheet
1Mb / 31P
   SPI SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com