Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV259DB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LV259DB
Description  8-bit addressable latch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV259DB Datasheet(HTML) 1 Page - NXP Semiconductors

  74LV259DB Datasheet HTML 1Page - NXP Semiconductors 74LV259DB Datasheet HTML 2Page - NXP Semiconductors 74LV259DB Datasheet HTML 3Page - NXP Semiconductors 74LV259DB Datasheet HTML 4Page - NXP Semiconductors 74LV259DB Datasheet HTML 5Page - NXP Semiconductors 74LV259DB Datasheet HTML 6Page - NXP Semiconductors 74LV259DB Datasheet HTML 7Page - NXP Semiconductors 74LV259DB Datasheet HTML 8Page - NXP Semiconductors 74LV259DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74LV259 is a low-voltage Si-gate CMOS device that is pin and function compatible
with 74HC259 and 74HCT259. The 74LV259 is a high-speed 8-bit addressable latch
designed for general purpose storage applications in digital systems. The 74LV259 is
multifunctional device capable of storing single-line data in eight addressable latches, and
also 3-to-8 decoder and demultiplexer, with active HIGH outputs (Q0 to Q7), functions are
available. The 74LV259 also incorporates an active LOW common reset (MR) for resetting
all latches, as well as, an active LOW enable input (LE).
The 74LV259 has four modes of operation as shown in the mode select table. In the
addressable latch mode, data on the data line (D) is written into the addressed latch. The
addressed latch will follow the data input with all non-addressed latches remaining in their
previous states. In the memory mode, all latches remain in their previous states and are
unaffected by the data or address inputs. In the 3-to-8 decoding or demultiplexing mode,
the addressed output follows the state of the (D) input with all other outputs in the LOW
state. In the reset mode all outputs are LOW and unaffected by the address (A0 to A2)
and data (D) input. When operating the 74LV259 as an address latch, changing more than
one bit of address could impose a transient-wrong address. Therefore, this should only be
done while in the memory mode.
2.
Features
s Optimized for low voltage applications: 1.0 V to 3.6 V
s Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
s Typical output ground bounce < 0.8 V at VCC = 3.3 V and Tamb = 25 °C
s Typical HIGH-level output voltage (VOH) undershoot: > 2 V at VCC = 3.3 V and
Tamb =25 °C
s Combines demultiplexer and 8-bit latch
s Serial-to-parallel capability
s Output from each storage bit available
s Random (addressable) data entry
s Easily expandable
s Common reset input
s Useful as a 3-to-8 active HIGH decoder
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
s Multiple package options
s Specified from
−40 °Cto+85 °C and from −40 °C to +125 °C
74LV259
8-bit addressable latch
Rev. 03 — 2 January 2008
Product data sheet


Similar Part No. - 74LV259DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV259DB PHILIPS-74LV259DB Datasheet
126Kb / 14P
   8-bit addressable latch
1998 May 20
More results

Similar Description - 74LV259DB

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com