Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

519-1SURSYGW Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 519-1SURSYGW
Description  2.0*5.0mm Multi-Color Rectangle Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

519-1SURSYGW Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  519-1SURSYGW Datasheet HTML 1Page - Everlight Electronics Co., Ltd 519-1SURSYGW Datasheet HTML 2Page - Everlight Electronics Co., Ltd 519-1SURSYGW Datasheet HTML 3Page - Everlight Electronics Co., Ltd 519-1SURSYGW Datasheet HTML 4Page - Everlight Electronics Co., Ltd 519-1SURSYGW Datasheet HTML 5Page - Everlight Electronics Co., Ltd 519-1SURSYGW Datasheet HTML 6Page - Everlight Electronics Co., Ltd 519-1SURSYGW Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Technical Data Sheet
2.0*5.0mm Multi-Color Rectangle Type LED Lamps
Electro-Optical Characteristics (Ta=25℃)
Parameter
Min.
Typ.
Max.
Unit
SURW/S530
2.0
2.4
SYGW/S530
2.0
2.4
SURW/S530
10
SYGW/S530
10
SURW/S530
6.3
12.5
SYGW/S530
2.5
5.0
Viewing
Angle
2θ1/2
IF=
20
mA
180
deg
SURW/S530
632
SYGW/S530
575
SURW/S530
624
SYGW/S530
573
SURW/S530
20
SYGW/S530
20
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
2
Page: 3of 7
Device Number : CDLE-051-136
Prepared date:
Prepared by:
Guangxiu yuan
519-1SURSYGW/S530-A3
V
μ A
λp
Iv
IF=
20
mA
mcd
nm
2005/9/6
nm
nm
Luminous Intensity
Dominant
Wavelength
Peak Wavelength
△λ
λd
mA
VF
Forward Voltage
Reverse Current
VR=
5V
Spectrum Radiation
Bandwidth
IF=20
mA
IF=20
mA
IF=20
mA
Symbol
Condition
IR
IF=20


Similar Part No. - 519-1SURSYGW

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
519-1SURSYGW-S530-A3 EVERLIGHT-519-1SURSYGW-S530-A3 Datasheet
210Kb / 8P
   2.0*5.0MM MULTI-COLOR RECTANGLE TYPE LED LAMPS
More results

Similar Description - 519-1SURSYGW

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
519-1EVGW EVERLIGHT-519-1EVGW Datasheet
142Kb / 7P
   2.0*5.0mm Multi-Color Rectangle Type LED Lamps
519-1SURSYGW-S530-A3 EVERLIGHT-519-1SURSYGW-S530-A3 Datasheet
210Kb / 8P
   2.0*5.0MM MULTI-COLOR RECTANGLE TYPE LED LAMPS
514SYGT EVERLIGHT-514SYGT Datasheet
89Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SYGD EVERLIGHT-523-2SYGD Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD-S530-A3 EVERLIGHT-523-2SDRD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523SURD-S530-A3 EVERLIGHT-523SURD-S530-A3 Datasheet
118Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523UYD-S530-A3 EVERLIGHT-523UYD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
513SYGD-S530-E2 EVERLIGHT-513SYGD-S530-E2 Datasheet
91Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD-S530-A3 EVERLIGHT-523-2SDRD-S530-A3_15 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SURD-S530-A3 EVERLIGHT-523-2SURD-S530-A3_15 Datasheet
105Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com