Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S530-E2 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # S530-E2
Description  3.68*6.22mm Rectangular Legend LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

S530-E2 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data Sheet
3.68*6.22mm Rectangular Legend LED Lamps
Package Dimensions
Notes: 1. All dimensions are in millimetres
2. The height of flange must be less than 1.5mm(0.059").
3. Without special declared,the tolerance is ±0.25mm.
█ Absolute Maximum Ratings at Ta = 25℃
Parameter
Symbol
Rating
Unit
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature
Tsol
260 ± 5
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Reverse Voltage
VR
5V
Note: *1:Soldering time ≦ 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 2 of 6
Device Number :
CDLE-100-057
Prepared date:
Prepared by:
Xiuzen Feng
2005/9/21
1003SYGD/S530-E2


Similar Part No. - S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
S530-E2 EVERLIGHT-S530-E2 Datasheet
112Kb / 6P
   2.0mm Tower Type LED Lamps
S530-E2 EVERLIGHT-S530-E2 Datasheet
280Kb / 6P
   2.4*4.9mm Rectangular Type LED Lamps
S530-E2 EVERLIGHT-S530-E2 Datasheet
89Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
S530-E2 EVERLIGHT-S530-E2 Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
S530-E2 EVERLIGHT-S530-E2 Datasheet
184Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
More results

Similar Description - S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
1003UYD EVERLIGHT-1003UYD_10 Datasheet
134Kb / 7P
   3.68*6.22mm Rectangular Legend LED Lamps
1003SYGD EVERLIGHT-1003SYGD_10 Datasheet
140Kb / 7P
   3.68*6.22mm Rectangular Legend LED Lamps
1003UYD EVERLIGHT-1003UYD Datasheet
106Kb / 6P
   3.68*6.22mm Rectangular Legend LED Lamps
1003GD EVERLIGHT-1003GD Datasheet
99Kb / 4P
   3.68, 6.22mm Rectangular Legend LED Lamps
1003SURD EVERLIGHT-1003SURD Datasheet
104Kb / 6P
   3.68*6.22mm Rectangular Legend LED Lamps
1006SYGSURW-S530-A3 EVERLIGHT-1006SYGSURW-S530-A3 Datasheet
150Kb / 7P
   3.68*6.22mm Multi-Color Rectangular Legend LED Lamps
1003SURD-S530-A3 EVERLIGHT-1003SURD-S530-A3 Datasheet
104Kb / 6P
   Technical Data Sheet 3.68*6.22mm Rectangular Legend LED Lamps
logo
Lucky Light Electronic
LL-463YDS LUCKY-LIGHT-LL-463YDS Datasheet
119Kb / 6P
   3.68*6.3mm Rectangular Legend Yellow LED Technical Data Sheet
LL-463GDS LUCKY-LIGHT-LL-463GDS Datasheet
119Kb / 6P
   3.68*6.3mm Rectangular Legend Yellow Green LED Technical Data Sheet
LL-463IDS LUCKY-LIGHT-LL-463IDS Datasheet
125Kb / 6P
   3.68*6.3mm Rectangular Legend Hi-Eff Red LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com