Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S530-E2 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # S530-E2
Description  2.0mm Tower Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

S530-E2 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Technical Data Sheet
2.0mm Tower Type LED Lamps
Packing Quantity Specification
1.500PCS/1Bag,5Bags/1Box
2.10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
'Rev.: 1
Page: 6 of 6
Device Number :
CDLE-010-032
Prepared date:
2005/6/19
Prepared by:
Lan Feng
103SYGD/S530-E2
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
103SYGD/S530-E2


Similar Part No. - S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
S530-E2 EVERLIGHT-S530-E2 Datasheet
108Kb / 6P
   3.68*6.22mm Rectangular Legend LED Lamps
S530-E2 EVERLIGHT-S530-E2 Datasheet
280Kb / 6P
   2.4*4.9mm Rectangular Type LED Lamps
S530-E2 EVERLIGHT-S530-E2 Datasheet
89Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
S530-E2 EVERLIGHT-S530-E2 Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
S530-E2 EVERLIGHT-S530-E2 Datasheet
184Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
More results

Similar Description - S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
103SURD EVERLIGHT-103SURD Datasheet
120Kb / 6P
   2.0mm Tower Type LED Lamps
103SDRD-S530-A3 EVERLIGHT-103SDRD-S530-A3 Datasheet
117Kb / 6P
   2.0mm Tower Type LED Lamps
103SYGD-S530-E2 EVERLIGHT-103SYGD-S530-E2 Datasheet
628Kb / 6P
   2.0mm Tower Type LED Lamps
103SUBD-S400-A4 EVERLIGHT-103SUBD-S400-A4 Datasheet
142Kb / 7P
   2.0mm Tower Type LED Lamps
103SURD-S530-A3 EVERLIGHT-103SURD-S530-A3 Datasheet
120Kb / 6P
   2.0mm Tower Type LED Lamps
103SYGD-S530-E2 EVERLIGHT-103SYGD-S530-E2 Datasheet
112Kb / 6P
   2.0mm Tower Type LED Lamps
103UYD-S530-A3 EVERLIGHT-103UYD-S530-A3 Datasheet
112Kb / 6P
   2.0mm Tower Type LED Lamps
103SUBD-S400-A4 EVERLIGHT-103SUBD-S400-A4 Datasheet
142Kb / 7P
   2.0mm Tower Type LED Lamps
103SDRD EVERLIGHT-103SDRD Datasheet
117Kb / 6P
   2.0mm Tower Type LED Lamps
103UYD EVERLIGHT-103UYD Datasheet
112Kb / 6P
   2.0mm Tower Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com